Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4504B Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4504B
Description  CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4504B Datasheet(HTML) 1 Page - Intersil Corporation

  CD4504B Datasheet HTML 1Page - Intersil Corporation CD4504B Datasheet HTML 2Page - Intersil Corporation CD4504B Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
Satellite Applications Flow™ (SAF) is a trademark of Intersil Corporation.
CD4504BT
CMOS Hex Voltage Level Shifter for
TTL-to-CMOS or CMOS-to-CMOS
Operation
Intersil’s Satellite Applications FlowTM (SAF) devices are fully
tested and guaranteed to 100kRAD total dose. These QML
Class T devices are processed to a standard flow intended
to meet the cost and shorter lead-time needs of large
volume satellite manufacturers, while maintaining a high
level of reliability.
CD4504BT Hex Voltage Level Shifter consists of six circuits
which shift input signals from the VCC logic level to the VDD
logic level. To shift TTL signals to CMOS logic levels, the
SELECT input is at the VCC HIGH logic state. When the
SELECT input is at a LOW logic state, each circuit translates
signals from one CMOS level to another.
Specifications
Specifications for Rad Hard QML devices are controlled by
the Defense Supply Center in Columbus (DSCC). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for the CD4504BT are
contained in SMD 5962-96665. A “hot-link” is provided from
our website for downloading.
www.intersil.com/spacedefense/newsafclasst.asp
Intersil’s Quality Management Plan (QM Plan), listing all
Class T screening operations, is also available on our
website.
www.intersil.com/quality/manuals.asp
Features
• QML Class T, Per MIL-PRF-38535
• Radiation Performance
- Gamma Dose (
γ) 1 x 105 RAD(Si)
- SEP Effective LET > 75 MEV/gm/cm2
• Independence of Power Supply Sequence Considerations
-VCC Can Exceed VDD
- Input Signals can Exceed Both VCC and VDD
• Up and Down Level Shifting Capability
• Shiftable Input Threshold for Either CMOS or TTL
Compatibility
• 100% Tested for Quiescent Current at 20V
• 5V, 10V and 15V Parametric Ratings
• Standardized Symmetrical Output Characteristics
Pinouts
CD4504BT (SBDIP), CDIP2-T16
TOP VIEW
CD4504BT (FLATPACK), CDFP4-16
TOP VIEW
Ordering Information
ORDERING
NUMBER
PART
NUMBER
TEMP.
RANGE
(oC)
5962R9666501TEC
CD4504BDTR
-55 to 125
5962R9666501TXC
CD4504BKTR
-55 to 125
NOTE:
Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VCC
AOUT
AIN
BOUT
BIN
COUT
VSS
CIN
VDD
FIN
SELECT
EOUT
EIN
DOUT
DIN
FOUT
VCC
AOUT
AIN
BOUT
BIN
COUT
CIN
VSS
2
3
4
5
6
7
8
116
15
14
13
12
11
10
9
VDD
FOUT
FIN
SELECT
EOUT
EIN
DOUT
DIN
Data Sheet
July 1999
File Number
4623.1


Similar Part No. - CD4504B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
CD4504B TI1-CD4504B Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
CD4504B-EP TI1-CD4504B-EP_16 Datasheet
1,017Kb / 15P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER
CD4504B-MIL TI1-CD4504B-MIL Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
More results

Similar Description - CD4504B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com