Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD10016 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PD10016
Description  DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PD10016 Datasheet(HTML) 1 Page - National Instruments Corporation

  PD10016_15 Datasheet HTML 1Page - National Instruments Corporation PD10016_15 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIODE
100A Avg 1600 Volts
PC10016
PD10016
■回路図
CIRCUIT
■外形寸法図
OUTLINE DRAWING
Dimension:[mm]
■最大定格 Maximum Ratings
耐圧クラス
Grade
項 目
Parameter
記号
Symbol
PC10016/PD10016
単位
Unit
くり返しピーク逆電圧
*1
RepetitivePeakReverseVoltage
VRRM
1600
V
非くり返しピーク逆電圧
*1
NonRepetitivePeakReverseVoltage
VRSM
1700
V
項 目
Parameter
記 号
Symbol
条 件
Conditions
定格値
Max.RatedValue
単位
Unit
平均整流電流
*1
AverageRectifiedOutputCurrent
Io(AV)
商用周波数
180°通電
Tc=80℃
HalfSineWave
100
A
実効順電流
*1
RMSForwardCurrent
IF(RMS)
156
A
サージ順電流
*1
SurgeForwardCurrent
IFSM
50Hz 正弦半波,1 サイクル,非くり返し
HalfSineWave,1Pulse,Non-Repetitive
2000
A
電流二乗時間積
*1
ISquaredt
I2t
2~10ms
20000
A2
動作接合温度範囲
OperatingJunctionTemperatureRange
Tjw
-40 ~ +125
保存温度範囲
StorageTemperatureRange
Tstg
-40 ~ +125
絶縁耐圧
IsolationVoltage
Viso
端子-ベース間,
AC1 分間
TerminaltoBase,AC1min.
2500
V
ベース部
Mounting
サーマルコンパウンド塗布
Greased
M6
2.4 ~ 3.5
N・m
締付トルク
MountingTorque
主端子部
Terminal
M5
2.4 ~ 2.8
N・m
■電気的特性 Electrical Characteristics
項 目
Parameter
記号
Symbol
条 件
Conditions
特性値(最大)
MaximumValue
単位
Unit
ピーク逆電流
*1
PeakReverseCurrent
IRM
Tj=125℃,VRM=VRRM
20
mA
ピーク順電圧
*1
PeakForwardVoltage
VFM
Tj=25℃,IFM=320A
1.35
V
熱抵抗
*1
ThermalResistance
Rth(j-c)
接合部-ケース間
JunctiontoCase
0.35
/W
接触熱抵抗
*1
ThermalResistance
Rth(c-f)
ケース
-フィン間,サーマルコンパウンド塗布
CasetoFin,Greased
0.2
/W
質 量 --- 約
155g
*1:1アーム当りの値 ValuePer1Arm.
ApproximateWeight


Similar Part No. - PD10016_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD10016 NIEC-PD10016 Datasheet
219Kb / 3P
   DIODE MODULE 100A/1200 to 1600V
PD10016 NIEC-PD10016 Datasheet
157Kb / 2P
   100A Avg 12001600 Volts
More results

Similar Description - PD10016_15

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com