Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4098 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CD4098
Description  CMOS Dual Monostable Multivibrator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4098 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CD4098 Datasheet HTML 3Page - Intersil Corporation CD4098 Datasheet HTML 4Page - Intersil Corporation CD4098 Datasheet HTML 5Page - Intersil Corporation CD4098 Datasheet HTML 6Page - Intersil Corporation CD4098 Datasheet HTML 7Page - Intersil Corporation CD4098 Datasheet HTML 8Page - Intersil Corporation CD4098 Datasheet HTML 9Page - Intersil Corporation CD4098 Datasheet HTML 10Page - Intersil Corporation CD4098 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
7-490
CD4098BMS
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. TYPICAL PROPAGATION DELAY TIME vs LOAD CA-
PACITANCE, TRIGGER INTO Q OUT (ALL VALUES
OF CX AND RX).
FIGURE 7. TRANSITION TIME vs LOAD CAPACITANCE FOR
RX = 5k
Ω-10000kΩ AND CX = 15pF-10000pF
FIGURE 8. TYPICAL EXTERNAL RESISTANCE vs PULSE
WIDTH
FIGURE 9. TYPICAL EXTERNAL CAPACITANCE vs PULSE
WIDTH
Typical Performance Characteristics (Continued)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
LOAD CAPACITANCE (CL) (pF)
0
100
SUPPLY VOLTAGE (VDD) = 15V
AMBIENT TEMPERATURE (TA) = +25
oC
10V
20
40
60
80
100
120
140
15V
200
300
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
103
2
4
6
8
104
2
4
6
8
105
2
4
6
8
106
2
4
6
8
10-1
24 6 8
1
24 6 8
102
24 6 8
103
24 6 8
104
24 68
105
24 6 8
10
24 68
106
PULSE WIDTH (PW) (
µs)
CX = 0.01
µF
CX = 0.1
µF
CX = 15pF
CX = 100pF
CX = 1000pF
107
VDD = 3V
= 5V
= 10V, 15V, 18V
VDD = 5V, 10V, 15V, 18V
VDD = 3V, 5V
AMBIENT TEMPERATURE (TA) = +25
oC
10
102
103
104
10-1
1102
103
104
105
10
106
PULSE WIDTH (PW) (
µs)
105
VDD = 3V
= 5V
= 10V, 15V, 18V
RX = 100K
RX = 10M
RX =1M
106
107
RX = 10K
RX = 5K


Similar Part No. - CD4098

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4098 TI-CD4098 Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
CD4098B TI-CD4098B Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
CD4098B TI1-CD4098B Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098B-MIL TI1-CD4098B-MIL Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098BE TI-CD4098BE Datasheet
274Kb / 11P
[Old version datasheet]   CMOS DUAL MONASTABLE MULTIVIBRATOR
More results

Similar Description - CD4098

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4098BMS RENESAS-CD4098BMS Datasheet
410Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Texas Instruments
CD4098B TI1-CD4098B_15 Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538 TI-CD14538 Datasheet
638Kb / 14P
[Old version datasheet]   CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
CD14538B TI-CD14538B Datasheet
341Kb / 8P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com