Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3912M342 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTLX3912M342
Description  High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3912M342 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTLX3912M342 Datasheet HTML 1Page - Finisar Corporation. FTLX3912M342 Datasheet HTML 2Page - Finisar Corporation. FTLX3912M342 Datasheet HTML 3Page - Finisar Corporation. FTLX3912M342 Datasheet HTML 4Page - Finisar Corporation. FTLX3912M342 Datasheet HTML 5Page - Finisar Corporation. FTLX3912M342 Datasheet HTML 6Page - Finisar Corporation. FTLX3912M342 Datasheet HTML 7Page - Finisar Corporation. FTLX3912M342 Datasheet HTML 8Page - Finisar Corporation. FTLX3912M342 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
F i n i s a r
 Finisar Corporation September 18, 2013
Rev C4
Page 1
Product Specification
High Link Budget, Multi-Rate, DWDM XFP
Optical Transceiver
FTLX3912M3xx
PRODUCT FEATURES
 Supports 8.5Gb/s* to 11.3Gb/s
bit rates
 100GHz channel spacing on the
ITU C-band
 Hot-pluggable XFP footprint
 RoHS-6 Compliant (lead-free)
 Temperature-stabilized 1550nm
EML transmitter
 Supports -300ps/nm to +800ps/nm
 3.3V and 5V power supplies
required
 Point-to-Point & OSNR optimized
versions
 Power dissipation < 3.5W
 Commercial temperature range:
0°C to 70°C
 Reference clock not required
APPLICATIONS
 SONET OC-192 IR-2 Transmitter w/APD
SDH STM S-64.2b Transmitter w/APD
SDH STM S-64.3b Transmitter w/APD
ITU-T G.709 Transmitter w/APD
 10GBASE-ER/EW Transmitter w/APD
10GBASE-ER/EW + FEC Tx w/APD
 40km 10G Fibre Channel Transmitter
w/APD
Finisar’s 40km DWDM FTLX3912M3xx Small Form Factor 10Gb/s XFP transceivers
comply with the current XFP Multi-Source Agreement (MSA) Specification
1
. The
transmitter specification is based upon SONET OC-192 IR-2, OC-192 IR-3, SDH STM
S-64.2b, STM S-64.3b and 10-Gigabit Ethernet 10GBASE-ER/EW per IEEE 802.3ae but
uses an APD ROSA for additional link budget. Digital diagnostics functions are available
via a 2-wire serial interface, as specified in the XFP MSA. The transceiver is RoHS
compliant and lead free per Directive 2002/95/EC
3, and Finisar Application Note AN-
2038
4.
PRODUCT SELECTION
FTLX3912M3xx
xx: 100GHz ITU Grid wavelength (see next page)


Similar Part No. - FTLX3912M342

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3912M342

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com