Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3612M344 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLX3612M344
Description  40km Multi-Rate DWDM XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3612M344 Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLX3612M344 Datasheet HTML 1Page - Finisar Corporation. FTLX3612M344 Datasheet HTML 2Page - Finisar Corporation. FTLX3612M344 Datasheet HTML 3Page - Finisar Corporation. FTLX3612M344 Datasheet HTML 4Page - Finisar Corporation. FTLX3612M344 Datasheet HTML 5Page - Finisar Corporation. FTLX3612M344 Datasheet HTML 6Page - Finisar Corporation. FTLX3612M344 Datasheet HTML 7Page - Finisar Corporation. FTLX3612M344 Datasheet HTML 8Page - Finisar Corporation. FTLX3612M344 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FTLX3612M3xx 40km DWDM XFP –Product Specification – January 2011
F i n i s a r
© Finisar Corporation 11-January-2011
Rev B1
Page 4
Diagram of Host Board Connector Block Pin Numbers and Names
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage 1
Vcc3
-0.5
4.0
V
Maximum Supply Voltage 2
Vcc5
-0.5
6.0
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TOP
-5
70
°C


Similar Part No. - FTLX3612M344

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M318 FINISAR-FTLX3611M318 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3612M344

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3611M3 FINISAR-FTLX3611M3 Datasheet
220Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
FTLX1612M3BTL FINISAR-FTLX1612M3BTL Datasheet
267Kb / 12P
   RoHS-6 Compliant I-Temp 40km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
logo
OPLINK Communications I...
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com