Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3611M348 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLX3611M348
Description  RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3611M348 Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLX3611M348 Datasheet HTML 1Page - Finisar Corporation. FTLX3611M348 Datasheet HTML 2Page - Finisar Corporation. FTLX3611M348 Datasheet HTML 3Page - Finisar Corporation. FTLX3611M348 Datasheet HTML 4Page - Finisar Corporation. FTLX3611M348 Datasheet HTML 5Page - Finisar Corporation. FTLX3611M348 Datasheet HTML 6Page - Finisar Corporation. FTLX3611M348 Datasheet HTML 7Page - Finisar Corporation. FTLX3611M348 Datasheet HTML 8Page - Finisar Corporation. FTLX3611M348 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FTLX3611M3 DWDM XFP Product Specification – January 2011
F i n i s a r
© Finisar Corporation 11-January-2011
Rev C1
Page 2
Channel #
Product Code
Frequency (THz)
Center Wavelength (nm)
17*
FTLX3611M317
191.7
1563.86
18
FTLX3611M318
191.8
1563.05
19
FTLX3611M319
191.9
1562.23
20
FTLX3611M320
192.0
1561.42
21
FTLX3611M321
192.1
1560.61
22
FTLX3611M322
192.2
1559.79
23
FTLX3611M323
192.3
1558.98
24
FTLX3611M324
192.4
1558.17
25
FTLX3611M325
192.5
1557.36
26
FTLX3611M326
192.6
1556.55
27
FTLX3611M327
192.7
1555.75
28
FTLX3611M328
192.8
1554.94
29
FTLX3611M329
192.9
1554.13
30
FTLX3611M330
193.0
1553.33
31
FTLX3611M331
193.1
1552.52
32
FTLX3611M332
193.2
1551.72
33
FTLX3611M333
193.3
1550.92
34
FTLX3611M334
193.4
1550.12
35
FTLX3611M335
193.5
1549.32
36
FTLX3611M336
193.6
1548.51
37
FTLX3611M337
193.7
1547.72
38
FTLX3611M338
193.8
1546.92
39
FTLX3611M339
193.9
1546.12
40
FTLX3611M340
194.0
1545.32
41
FTLX3611M341
194.1
1544.53
42
FTLX3611M342
194.2
1543.73
43
FTLX3611M343
194.3
1542.94
44
FTLX3611M344
194.4
1542.14
45
FTLX3611M345
194.5
1541.35
46
FTLX3611M346
194.6
1540.56
47
FTLX3611M347
194.7
1539.77
48
FTLX3611M348
194.8
1538.98
49
FTLX3611M349
194.9
1538.19
50
FTLX3611M350
195.0
1537.40
51
FTLX3611M351
195.1
1536.61
52
FTLX3611M352
195.2
1535.82
53
FTLX3611M353
195.3
1535.04
54
FTLX3611M354
195.4
1534.25
55
FTLX3611M355
195.5
1533.47
56
FTLX3611M356
195.6
1532.68
57
FTLX3611M357
195.7
1531.90
58
FTLX3611M358
195.8
1531.12
59
FTLX3611M359
195.9
1530.33
60
FTLX3611M360
196.0
1529.55
61*
FTLX3611M361
196.1
1528.77
*This channel is supported with limited availability -- Please contact Finisar for further details.


Similar Part No. - FTLX3611M348

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M348 FINISAR-FTLX3611M348 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3611M348

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3611M317 FINISAR-FTLX3611M317 Datasheet
290Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 40km Multi-Rate XFP Optical Transceiver
FTLX1611M3 FINISAR-FTLX1611M3 Datasheet
192Kb / 12P
   RoHS-6 Compliant 10Gb/s 40km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1612M3BCL FINISAR-FTLX1612M3BCL Datasheet
183Kb / 12P
   RoHS-6 Compliant 40km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTRX1811M3 FINISAR-FTRX1811M3 Datasheet
184Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX1811M3 FINISAR-FTLX1811M3 Datasheet
190Kb / 11P
   RoHS-6 Compliant 10Gb/s 80km Multi-Rate XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com