Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX6614MCC-XX Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTLX6614MCC-XX
Description  800 ps/nm (40km) Tunable XFP Optical Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX6614MCC-XX Datasheet(HTML) 3 Page - Finisar Corporation.

  FTLX6614MCC-XX Datasheet HTML 1Page - Finisar Corporation. FTLX6614MCC-XX Datasheet HTML 2Page - Finisar Corporation. FTLX6614MCC-XX Datasheet HTML 3Page - Finisar Corporation. FTLX6614MCC-XX Datasheet HTML 4Page - Finisar Corporation. FTLX6614MCC-XX Datasheet HTML 5Page - Finisar Corporation. FTLX6614MCC-XX Datasheet HTML 6Page - Finisar Corporation. FTLX6614MCC-XX Datasheet HTML 7Page - Finisar Corporation. FTLX6614MCC-XX Datasheet HTML 8Page - Finisar Corporation. FTLX6614MCC-XX Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FTLX6611MCC and FTLX6614MCC T-XFP Product Specification – July 2011
F i n i s a r
© Finisar Corporation 2011
1134335 Rev A01
Page 3
Diagram of Host Board Connector Block Pin Numbers and Names
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage #1
Vcc3
-0.5
4.0
V
Maximum Supply Voltage #2
Vcc5
-0.5
6.0
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TOP
-5
70
°C
Receiver Damage Threshold
PRdmg
+3
dBm


Similar Part No. - FTLX6614MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6614MCC-XX FINISAR-FTLX6614MCC-XX Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
More results

Similar Description - FTLX6614MCC-XX

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX6614MCC FINISAR-FTLX6614MCC Datasheet
354Kb / 16P
   800 ps/nm (40km) Tunable XFP Optical Transceiver
FTLX6624MCC-XX FINISAR-FTLX6624MCC-XX Datasheet
435Kb / 17P
   /-800 ps/nm (40km) Gen2 Tunable XFP Optical Transceiver
FTLX6811MCC FINISAR-FTLX6811MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6814MCC FINISAR-FTLX6814MCC Datasheet
359Kb / 16P
   1600 ps/nm (80km) Tunable XFP Optical Transceiver
FTLX6824MCC FINISAR-FTLX6824MCC Datasheet
416Kb / 18P
   1600 ps/nm (80km) Gen2 Tunable XFP Optical Transceiver
FTLX6824MNC FINISAR-FTLX6824MNC Datasheet
414Kb / 17P
   1600 ps/nm (80km) E-temp Tunable XFP Optical Transceiver
FTLX6825MCC FINISAR-FTLX6825MCC Datasheet
414Kb / 17P
   1600 ps/nm (80km) High Optical Output Power Tunable XFP Optical Transceiver
FTLX4213X3XXXX FINISAR-FTLX4213X3XXXX Datasheet
622Kb / 14P
   3200 ps/nm (~200km) DWDM XFP Optical Transceiver
FTLX4213M3BCL FINISAR-FTLX4213M3BCL Datasheet
564Kb / 11P
   2400 ps/nm (~120km) TDM XFP Optical Transceiver
logo
Optoway Technology Inc
XPS-2340MWG OPTOWAY-XPS-2340MWG Datasheet
237Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com