Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX3813M319 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FTLX3813M319
Description  Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX3813M319 Datasheet(HTML) 2 Page - Finisar Corporation.

  FTLX3813M319 Datasheet HTML 1Page - Finisar Corporation. FTLX3813M319 Datasheet HTML 2Page - Finisar Corporation. FTLX3813M319 Datasheet HTML 3Page - Finisar Corporation. FTLX3813M319 Datasheet HTML 4Page - Finisar Corporation. FTLX3813M319 Datasheet HTML 5Page - Finisar Corporation. FTLX3813M319 Datasheet HTML 6Page - Finisar Corporation. FTLX3813M319 Datasheet HTML 7Page - Finisar Corporation. FTLX3813M319 Datasheet HTML 8Page - Finisar Corporation. FTLX3813M319 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FTLX3813M3xx DWDM XFP Product Specification – March 2013
F i n i s a r
© Finisar Corporation 19-March-2013
Rev. D1
Page 2
Part Numbers for Amplified (OSNR optimized) Applications:
Channel #
Product Code
Frequency (THz)
Center Wavelength (nm)
17
FTLX3813M317
191.7
1563.86
18
FTLX3813M318
191.8
1563.05
19
FTLX3813M319
191.9
1562.23
20
FTLX3813M320
192.0
1561.42
21
FTLX3813M321
192.1
1560.61
22
FTLX3813M322
192.2
1559.79
23
FTLX3813M323
192.3
1558.98
24
FTLX3813M324
192.4
1558.17
25
FTLX3813M325
192.5
1557.36
26
FTLX3813M326
192.6
1556.55
27
FTLX3813M327
192.7
1555.75
28
FTLX3813M328
192.8
1554.94
29
FTLX3813M329
192.9
1554.13
30
FTLX3813M330
193.0
1553.33
31
FTLX3813M331
193.1
1552.52
32
FTLX3813M332
193.2
1551.72
33
FTLX3813M333
193.3
1550.92
34
FTLX3813M334
193.4
1550.12
35
FTLX3813M335
193.5
1549.32
36
FTLX3813M336
193.6
1548.51
37
FTLX3813M337
193.7
1547.72
38
FTLX3813M338
193.8
1546.92
39
FTLX3813M339
193.9
1546.12
40
FTLX3813M340
194.0
1545.32
41
FTLX3813M341
194.1
1544.53
42
FTLX3813M342
194.2
1543.73
43
FTLX3813M343
194.3
1542.94
44
FTLX3813M344
194.4
1542.14
45
FTLX3813M345
194.5
1541.35
46
FTLX3813M346
194.6
1540.56
47
FTLX3813M347
194.7
1539.77
48
FTLX3813M348
194.8
1538.98
49
FTLX3813M349
194.9
1538.19
50
FTLX3813M350
195.0
1537.40
51
FTLX3813M351
195.1
1536.61
52
FTLX3813M352
195.2
1535.82
53
FTLX3813M353
195.3
1535.04
54
FTLX3813M354
195.4
1534.25
55
FTLX3813M355
195.5
1533.47
56
FTLX3813M356
195.6
1532.68
57
FTLX3813M357
195.7
1531.90
58
FTLX3813M358
195.8
1531.12
59
FTLX3813M359
195.9
1530.33
60
FTLX3813M360
196.0
1529.55
61
FTLX3813M361
196.1
1528.77


Similar Part No. - FTLX3813M319

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811M318 FINISAR-FTLX3811M318 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
More results

Similar Description - FTLX3813M319

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTRX-3812M317 FINISAR-FTRX-3812M317 Datasheet
294Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX1812M3BCL FINISAR-FTLX1812M3BCL Datasheet
543Kb / 11P
   10Gb/s 80km Multi-Rate XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com