Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1619P1XCL Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTLF1619P1XCL
Description  2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1619P1XCL Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FTLF1619P1XCL Datasheet HTML 2Page - Finisar Corporation. FTLF1619P1XCL Datasheet HTML 3Page - Finisar Corporation. FTLF1619P1XCL Datasheet HTML 4Page - Finisar Corporation. FTLF1619P1XCL Datasheet HTML 5Page - Finisar Corporation. FTLF1619P1XCL Datasheet HTML 6Page - Finisar Corporation. FTLF1619P1XCL Datasheet HTML 7Page - Finisar Corporation. FTLF1619P1XCL Datasheet HTML 8Page - Finisar Corporation. FTLF1619P1XCL Datasheet HTML 9Page - Finisar Corporation. FTLF1619P1XCL Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FTLF1619P1xCL Pluggable SFP Product Specification – March 2006
F i n i s a r
© Finisar Corporation March 30, 2006 Rev A
Page 6
VIII. Digital Diagnostic Functions
Finisar FTLF1619P1xCL SFP transceivers support the 2-wire serial communication
protocol as defined in the SFP MSA
1. It is very closely related to the E2PROM defined in
the GBIC standard, with the same electrical specifications.
The standard SFP serial ID provides access to identification information that describes
the transceiver’s capabilities, standard interfaces, manufacturer, and other information.
Additionally, Finisar SFP transceivers provide a unique enhanced digital diagnostic
monitoring interface, which allows real-time access to device operating parameters such
as transceiver temperature, laser bias current, transmitted optical power, received optical
power and transceiver supply voltage. It also defines a sophisticated system of alarm and
warning flags, which alerts end-users when particular operating parameters are outside of
a factory set normal range.
The SFP MSA defines a 256-byte memory map in E
2PROM that is accessible over a
2-wire serial interface at the 8 bit address 1010000X (A0h). The digital diagnostic
monitoring interface makes use of the 8 bit address 1010001X (A2h), so the originally
defined serial ID memory map remains unchanged. The interface is identical to, and is
thus fully backward compatible with both the GBIC Specification and the SFP Multi
Source Agreement. The complete interface is described in Finisar Application Note AN-
2030: “Digital Diagnostics Monitoring Interface for SFP Optical Transceivers”.
The operating and diagnostics information is monitored and reported by a Digital
Diagnostics Transceiver Controller (DDTC) inside the transceiver, which is accessed
through a 2-wire serial interface. When the serial protocol is activated, the serial clock
signal (SCL, Mod Def 1) is generated by the host. The positive edge clocks data into the
SFP transceiver into those segments of the E
2PROM that are not write-protected. The
negative edge clocks data from the SFP transceiver. The serial data signal (SDA, Mod
Def 2) is bi-directional for serial data transfer. The host uses SDA in conjunction with
SCL to mark the start and end of serial protocol activation. The memories are organized
as a series of 8-bit data words that can be addressed individually or sequentially.
For more information, please see the SFP MSA documentation
1 or Finisar Application
Note AN-2030.
Digital diagnostics for the FTLF1619P1xCL are externally calibrated by default.
Please note that evaluation board FDB-1018 is available with Finisar ModDEMO
software that allows simple to use communication over the 2-wire serial interface.


Similar Part No. - FTLF1619P1XCL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1619P1XCL FRONTIER-FTLF1619P1XCL Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FTLF1619P1XCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1519P1XNL FINISAR-FTLF1519P1XNL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1XCL FINISAR-FTLF1519P1XCL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WCL FINISAR-FTLF1519P1WCL Datasheet
721Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1WCL FINISAR-FTLF1419P1WCL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WNL FINISAR-FTLF1519P1WNL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1CL FINISAR-FTLF1419P1CL Datasheet
768Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1619P1WCL FINISAR-FTLF1619P1WCL Datasheet
712Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2CL FINISAR-FTLF1318P2CL Datasheet
747Kb / 10P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2WTL FINISAR-FTLF1318P2WTL Datasheet
760Kb / 12P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1318P2XTL FINISAR-FTLF1318P2XTL Datasheet
808Kb / 12P
   1.25 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com