Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1523P1XTL Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FTLF1523P1XTL
Description  OC-3 LR-2/STM L-1.2 RoHS Compliant Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1523P1XTL Datasheet(HTML) 4 Page - Finisar Corporation.

  FTLF1523P1XTL Datasheet HTML 1Page - Finisar Corporation. FTLF1523P1XTL Datasheet HTML 2Page - Finisar Corporation. FTLF1523P1XTL Datasheet HTML 3Page - Finisar Corporation. FTLF1523P1XTL Datasheet HTML 4Page - Finisar Corporation. FTLF1523P1XTL Datasheet HTML 5Page - Finisar Corporation. FTLF1523P1XTL Datasheet HTML 6Page - Finisar Corporation. FTLF1523P1XTL Datasheet HTML 7Page - Finisar Corporation. FTLF1523P1XTL Datasheet HTML 8Page - Finisar Corporation. FTLF1523P1XTL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FTLF1523P1xTL Pluggable SFP Product Specification - December 2005
F i n i s a r
 Finisar Corporation December 2, 2005 Rev.A
Page 4
IV.
Optical Characteristics (TOP = -40 to 85 °°°°C, VCC = 3.10 to 3.50 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr: 9/125 SMF
POUT
-5
0
dBm
1
Optical Wavelength
λ
1480
1580
nm
Spectral Width (-20 dB)
σ
1
nm
Optical Extinction Ratio
ER
10
dB
Optical Rise/Fall Time
tr/ tf
1300
ps
2
Relative Intensity Noise
RIN
-120
dB/Hz
Generated Jitter (peak to peak)
JTXp-p
0.07
UI
3
Generated Jitter (rms)
JTXrms
0.007
UI
3
Mask Margin
20%
Receiver
Average Rx Sensitivity
RSENS1
-34
-10
dBm
4
Maximum Input Power
PMAX
-10
dBm
Optical Center Wavelength
λC
1260
1600
nm
LOS De-Assert
LOSD
-34
dBm
LOS Assert
LOSA
-48
dBm
LOS Hysteresis
0.5
dB
Max Receiver Reflectance
RxR
-25
dB
Notes:
1. Class 1 Laser Safety per FDA/CDRH and EN (IEC) 60825 regulations.
2. Unfiltered, 20-80%
3. Jitter measurements taken using Agilent OMNIBERT 718 in accordance with GR-253.
4. With worst-case extinction ratio. Measured with a PRBS 223-1 test pattern.


Similar Part No. - FTLF1523P1XTL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1523P1XTL FRONTIER-FTLF1523P1XTL Datasheet
1Mb / 5P
   Product Guide
More results

Similar Description - FTLF1523P1XTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLF1523P1WTL FINISAR-FTLF1523P1WTL Datasheet
648Kb / 11P
   OC-3 LR-2/STM L-1.2 RoHS Compliant Pluggable SFP Transceiver
FTRJ1523P1WTL FINISAR-FTRJ1523P1WTL Datasheet
670Kb / 11P
   OC-3 LR-2/STM L-1.2 Pluggable SFP Transceiver
FTLF1522P1WTL FINISAR-FTLF1522P1WTL Datasheet
648Kb / 11P
   OC-12 LR-2/STM L-4.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P1CL FINISAR-FTLF1621P1CL Datasheet
700Kb / 12P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1323P1TL FINISAR-FTLF1323P1TL Datasheet
681Kb / 11P
   OC-3 LR-1/STM L-1.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P2WTL FINISAR-FTLF1621P2WTL Datasheet
873Kb / 11P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1621P2WCL FINISAR-FTLF1621P2WCL Datasheet
617Kb / 11P
   OC-48 LR-2/STM L-16.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1522P1TL FINISAR-FTLF1522P1TL Datasheet
676Kb / 11P
   OC-12 LR-2/STM L-4.2 RoHS Compliant Pluggable SFP Transceiver
FTLF1323P1WTL FINISAR-FTLF1323P1WTL Datasheet
647Kb / 11P
   OC-3 LR-1/STM L-1.1 RoHS Compliant Pluggable SFP Transceiver
FTLF1721P2WCL FINISAR-FTLF1721P2WCL Datasheet
658Kb / 11P
   OC-48 LR-1/STM L-16.1 RoHS Compliant Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com