Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA828TF Datasheet(PDF) 6 Page - NEC

Part # UPA828TF
Description  HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA828TF Datasheet(HTML) 6 Page - NEC

Back Button UPA828TF Datasheet HTML 2Page - NEC UPA828TF Datasheet HTML 3Page - NEC UPA828TF Datasheet HTML 4Page - NEC UPA828TF Datasheet HTML 5Page - NEC UPA828TF Datasheet HTML 6Page - NEC UPA828TF Datasheet HTML 7Page - NEC UPA828TF Datasheet HTML 8Page - NEC UPA828TF Datasheet HTML 9Page - NEC UPA828TF Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
PPPPPA828TF
6
S PARAMETER Q1
VCE = 2 V, IC = 3 mA, Z0 = 50
:
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
.10
.92
ð10.76
6.79
166.90
.02
81.64
.97
ð8.65
.20
.88
ð21.14
6.51
156.23
.04
74.96
.94
ð16.65
.30
.83
ð31.82
6.40
146.87
.06
68.78
.88
ð23.55
.40
.78
ð42.04
6.16
138.45
.07
63.27
.82
ð29.88
.50
.71
ð52.43
5.95
130.70
.09
59.72
.76
ð34.56
.60
.65
ð62.50
5.66
123.90
.10
55.61
.70
ð39.19
.70
.58
ð72.69
5.43
116.65
.10
53.36
.65
ð42.35
.80
.51
ð82.82
5.17
110.41
.11
51.17
.61
ð45.67
.90
.45
ð92.60
4.88
104.31
.12
49.32
.57
ð48.15
1.00
.40
ð102.47
4.60
98.90
.12
48.24
.53
ð50.32
1.10
.36
ð112.48
4.34
94.04
.13
47.06
.50
ð52.49
1.20
.32
ð122.73
4.09
89.32
.14
46.16
.47
ð54.24
1.30
.30
ð133.29
3.85
85.28
.14
45.46
.45
ð56.10
1.40
.27
ð144.06
3.64
81.23
.15
44.88
.43
ð57.94
1.50
.26
ð155.19
3.45
77.48
.15
44.14
.41
ð59.86
1.60
.25
ð165.56
3.26
74.10
.16
43.48
.39
ð61.58
1.70
.25
ð175.58
3.10
70.82
.16
42.97
.37
ð63.35
1.80
.26
174.75
2.95
67.58
.17
42.46
.35
ð65.35
1.90
.26
166.25
2.82
64.50
.17
41.71
.34
ð67.39
2.00
.27
158.59
2.69
61.59
.18
41.41
.32
ð69.29
2.10
.28
151.33
2.58
58.69
.19
40.78
.31
ð71.31
2.20
.29
145.02
2.47
56.03
.19
40.10
.30
ð73.78
2.30
.31
139.72
2.36
53.27
.20
39.55
.29
ð76.10
2.40
.32
134.63
2.28
50.82
.20
39.01
.28
ð78.86
2.50
.34
130.11
2.20
48.23
.21
38.47
.27
ð81.85
2.60
.35
126.08
2.12
45.78
.21
37.90
.26
ð84.98
2.70
.37
122.46
2.04
43.24
.22
37.28
.25
ð88.17
2.80
.38
119.06
1.97
41.09
.22
36.67
.24
ð91.66
2.90
.40
115.90
1.91
38.67
.23
35.90
.23
ð95.45
3.00
.41
113.18
1.85
36.49
.23
35.19
.22
ð99.22


Similar Part No. - UPA828TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA828TF NEC-UPA828TF Datasheet
46Kb / 7P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA828TF-T1 NEC-UPA828TF-T1 Datasheet
46Kb / 7P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA828TF NEC-UPA828TF_99 Datasheet
46Kb / 7P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR
More results

Similar Description - UPA828TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA812T NEC-UPA812T Datasheet
50Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4227 SMALL MINI MOLD
UPA811T NEC-UPA811T Datasheet
49Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
UPA802T NEC-UPA802T Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA800T NEC-UPA800T Datasheet
51Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA813T NEC-UPA813T Datasheet
53Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4570 SMALL MINI MOLD
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA809T NEC-UPA809T Datasheet
66Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPC805T NEC-UPC805T Datasheet
57Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA833TF NEC-UPA833TF Datasheet
74Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
UPA832TF NEC-UPA832TF Datasheet
65Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com