Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA828TF Datasheet(PDF) 5 Page - NEC

Part No. UPA828TF
Description  HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA828TF Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PPPPPA828TF
5
S PARAMETER Q1
VCE = 2 V, IC = 1 mA, Z0 = 50
:
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
.10
.98
ð6.87
2.42
171.77
.02
84.43
.99
ð4.42
.20
.96
ð13.71
2.40
164.17
.04
79.61
.99
ð8.84
.30
.95
ð20.79
2.42
157.17
.07
74.54
.97
ð12.97
.40
.92
ð27.69
2.39
150.27
.09
69.50
.95
ð17.23
.50
.90
ð34.82
2.39
143.98
.10
65.17
.92
ð21.05
.60
.87
ð42.10
2.36
138.23
.12
60.29
.90
ð25.13
.70
.83
ð49.35
2.34
132.19
.14
56.25
.87
ð28.47
.80
.80
ð56.87
2.32
126.78
.15
52.12
.84
ð32.22
.90
.76
ð64.78
2.32
120.75
.16
48.48
.81
ð34.98
1.00
.72
ð72.15
2.26
115.35
.17
45.16
.77
ð38.02
1.10
.68
ð80.50
2.25
110.20
.18
41.64
.75
ð40.84
1.20
.64
ð88.71
2.22
104.80
.18
38.79
.72
ð43.16
1.30
.60
ð97.33
2.16
99.84
.19
35.82
.69
ð45.68
1.40
.56
ð106.17
2.13
94.75
.19
33.51
.66
ð47.79
1.50
.53
ð115.63
2.10
89.64
.20
31.12
.63
ð49.93
1.60
.50
ð124.41
2.04
84.89
.20
29.04
.61
ð51.89
1.70
.47
ð133.52
1.99
80.39
.20
27.37
.59
ð53.75
1.80
.45
ð142.93
1.93
75.97
.20
25.64
.57
ð55.61
1.90
.44
ð152.17
1.87
71.81
.20
24.28
.55
ð57.34
2.00
.43
ð161.16
1.81
68.21
.20
23.31
.53
ð59.13
2.10
.42
ð170.55
1.77
63.89
.20
22.18
.51
ð60.65
2.20
.41
ð179.15
1.72
60.35
.20
21.50
.50
ð62.47
2.30
.42
173.21
1.66
56.62
.20
20.78
.48
ð64.18
2.40
.42
165.82
1.61
53.39
.20
20.36
.47
ð66.09
2.50
.43
158.63
1.57
50.02
.20
20.11
.46
ð67.98
2.60
.44
152.11
1.52
47.07
.20
20.00
.45
ð69.96
2.70
.45
146.49
1.47
43.96
.20
19.86
.43
ð72.10
2.80
.46
140.70
1.43
41.06
.20
20.11
.43
ð74.42
2.90
.47
135.62
1.39
38.16
.20
20.18
.42
ð76.70
3.00
.48
131.49
1.35
35.61
.20
20.44
.41
ð79.07


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn