Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA828TF Datasheet(PDF) 4 Page - NEC

Part No. UPA828TF
Description  HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA828TF Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PPPPPA828TF
4
Noise Figure vs. Collector Current
Feedback Capacitance vs. Collector to Base Voltage
3
2
1
12
3
5
7
10
Collector Current IC (mA)
VCE = 1 V
VCE = 2 V
f = 1 MHz
0.8
0.6
0.4
0.2
0
2.0
4.0
6.0
8.0
10.0
Collector to Base Voltage VCB (V)
f = 2 GHz
Gain Bandwidth Product vs. Collector Current
Insertion Power Gain vs. Collector Current
f = 2 GHz
15
10
5
12
3
5
7
10
20
Collector Current IC (mA)
VCE = 1 V
VCE = 2 V
10
5
0
12
3
5
7
10
20
VCE = 1 V
VCE = 2 V
Collector Current IC (mA)
f = 2 GHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn