Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA828TF Datasheet(PDF) 3 Page - NEC

Part No. UPA828TF
Description  HIGH-FREQUENCY LOW-NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5184 THIN-TYPE SMALL MINI MOLD
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA828TF Datasheet(HTML) 3 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
PPPPPA828TF
3
TYPICAL CHARACTERISTICS (TA = 25
qqqqC)
Total Power Dissipation vs. Ambient Temperature
Collector Current vs. DC Base Voltage
200
100
0
50
100
150
90 mW
Ambient Temperature TA (˚C)
50
40
30
20
10
0
0.5
1.0
VCE = 2 V
DC Base Voltage VBE (V)
Collector Current vs. Collector to Emitter Voltage
DC Current Gain vs. Collector Current
25
20
15
10
5
0
1.0
2.0
3.0
200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
IB = 20 A
Collector to Emitter Voltage VCE (V)
180 mW
2 Elements in Total
Per Element
Collector Current IC (mA)
500
200
100
10
20
50
VCE = 2 V
VCE = 1 V
1
2
5
10
20
50
100
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn