Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4067BMS Datasheet(PDF) 10 Page - Intersil Corporation

Part # CD4067BMS
Description  CMOS Analog Multiplexers/Demultiplexers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4067BMS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CD4067BMS Datasheet HTML 2Page - Intersil Corporation CD4067BMS Datasheet HTML 3Page - Intersil Corporation CD4067BMS Datasheet HTML 4Page - Intersil Corporation CD4067BMS Datasheet HTML 5Page - Intersil Corporation CD4067BMS Datasheet HTML 6Page - Intersil Corporation CD4067BMS Datasheet HTML 7Page - Intersil Corporation CD4067BMS Datasheet HTML 8Page - Intersil Corporation CD4067BMS Datasheet HTML 9Page - Intersil Corporation CD4067BMS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
CD4067BMS, CD4097BMS
Chip Dimensions and Pad Layouts
CD4067BMSH
CD4097BMSH
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
Special Considerations
In applications where separate power sources are used to
drive VDD and the signal inputs, the VDD current capability
should exceed VDD/RL (RL = effective external load). This
provision avoids permanent current flow or clamp action on
the VDD supply when power is applied or removed from the
CD4067BMS or CD4097BMS.
When switching from one address to another, some of the
ON periods of the channels of the multiplexers will overlap
momentarily, which may be objectionable in certain applica-
tions. Also when a channel is turned on or off by an address
input, there is a momentary conductive path from the chan-
nel to VSS, which will dump some charge from any capacitor
connected to the input or output of the channel. The inhibit
input turning on a channel will similarly dump some charge
to VSS.
The amount of charge dumped is mostly a function of the
signal level above VSS. Typically, at VDD - VSS = 10V, a
100pF capacitor connected to the input or output of the
channel will lose 3 to 4% of its voltage at the moment the
channel turns on or off. This loss of voltage is essentially
independent of the address or inhibit signal transition time, if
the transition time is less than 1 - 2
µs. When the inhibit sig-
nal turns a channel off, there is no charge dumping to VSS.
Rather, there is a slight rise in the channel voltage level
(65mV typ.) due to capacitive coupling from inhibit input to
channel input or output. Address inputs also couple some
voltage steps onto the channel signal levels.
In certain applications, the external load resistor current may
include both VDD and signal-line components. To avoid
drawing VDD current when switch current flows into the
transmission gate inputs, the voltage drop across the bidi-
rectional switch must not exceed 0.8 volt (calculated from
RON values shown in ELECTRICAL CHARACTERISTICS
CHART - Table 1). no VDD current will flow through RL if the
switch current flows into terminal 1 on the CD4067BMS, ter-
minals 1 and 17 on the CD4097BMS.
METALLIZATION:
Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION:
10.4kÅ - 15.6k
Å, Silane
BOND PADS:
0.004 inches X 0.004 inches MIN
DIE THICKNESS:
0.0198 inches - 0.0218 inches


Similar Part No. - CD4067BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4067BM TI-CD4067BM Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067BM TI-CD4067BM Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
CD4067BM TI1-CD4067BM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067BM96 TI-CD4067BM96 Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067BM96 TI-CD4067BM96 Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
More results

Similar Description - CD4067BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4067B TI-CD4067B Datasheet
528Kb / 15P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI1-CD4051B-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
CD4051BMS RENESAS-CD4051BMS Datasheet
452Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers*
December 1992
logo
ON Semiconductor
MC14067B ONSEMI-MC14067B_11 Datasheet
134Kb / 9P
   Analog Multiplexers/Demultiplexers
June, 2011 ??Rev. 7
MC74VHC4051 ONSEMI-MC74VHC4051_14 Datasheet
159Kb / 16P
   Analog Multiplexers / Demultiplexers
September, 2014 ??Rev. 7
MC14067B ONSEMI-MC14067B_05 Datasheet
124Kb / 10P
   Analog Multiplexers / Demultiplexers
February, 2005 ??Rev. 5
MC74HC4051A ONSEMI-MC74HC4051A Datasheet
400Kb / 16P
   Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A_11 Datasheet
207Kb / 16P
   Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com