Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCN-360C040-E Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FCN-360C040-E
Description  RECTANGULAR CONNECTORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FCN-360C040-E Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FCN-360C040-E Datasheet HTML 4Page - List of Unclassifed Manufacturers FCN-360C040-E Datasheet HTML 5Page - List of Unclassifed Manufacturers FCN-360C040-E Datasheet HTML 6Page - List of Unclassifed Manufacturers FCN-360C040-E Datasheet HTML 7Page - List of Unclassifed Manufacturers FCN-360C040-E Datasheet HTML 8Page - List of Unclassifed Manufacturers FCN-360C040-E Datasheet HTML 9Page - List of Unclassifed Manufacturers FCN-360C040-E Datasheet HTML 10Page - List of Unclassifed Manufacturers FCN-360C040-E Datasheet HTML 11Page - List of Unclassifed Manufacturers FCN-360C040-E Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
FCN-360 Series
8
Contact type
FCN-363J-s
s
(Loose piece)
FCN-363J-s
s/R
(Strip reeled)
s
s is AG or AU.
FCN-363J-s
s/S
(Loose piece)
FCN-363J-s
s/T
(Strip reeled)
s
s is AG or AU.
CRIMP TYPE (CONTACT)
s DIMENSIONS
Standard contact (applicable wire: AWG #24 to
#28)
Thick wire connection contact (applicable wire:
AWG #22 to #26)
20.05 (0.789)
20.05 (0.789)
Unit: mm (in.)
s PART NUMBERS
Type
Loose piece
Strip reeled
Plating
Gold plating
Gold plating
Standard
FCN-363J-AU
FCN-363J-AU/R
Thick wire connection contact
FCN-363J-AU/S
FCN-363J-AU/T
s PART NUMBERS OF CRIMPING TOOLS
Part number
FCN-363T-T005/H
(Hand crimping tool)
FCN-M110
(Automatic crimping machine)
FCN-A105
(Applicator)
FCN-363T-T011/H
(Hand crimping tool)
FCN-M110
(Automatic crimping machine)
FCN-A111
(Applicator)
[Hand crimping tool]
[Semi-automatic crimping machine,
applicator]
[Contact withdrawal tool]
65 (2.559)
FCN-360T-T001/H
Wire cross-section
area (mm2)
0.20 to 0.24
0.13 to 0.16
0.088 to 0.096
0.30 to 0.40
0.20 to 0.24
0.13 to 0.16
Applicable
wire
AWG #24
AWG #26
AWG #28
AWG #22
AWG #24
AWG #26
Crimp height
Insulator
diameter
φ1.2 mm
(0.047 in.) max
φ1.2 mm
(0.047 in.) max
φ1.2 mm
(0.047 in.) max
1.25 mm (0.049 in.) to
1.30 mm (0.051 in.)
1.20 mm (0.047 in.) to
1.25 mm (0.049 in.)
1.15 mm (0.045 in.) to
1.20 mm (0.047 in.)
Stripped
length
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
3.0 mm (0.118 in.) to
4.0 mm (0.157 in.)
0.85 mm (0.033 in.) to
0.95 mm (0.037 in.)
0.75 mm (0.029 in.) to
0.85 mm (0.033 in.)
0.73 mm (0.028 in.) to
0.81 mm (0.031 in.)
φ0.9 mm (0.035 in.)
1.8 mm (0.708 in.)
φ0.9 mm (0.035 in.)
1.8 mm (0.708 in.)
φ0.9 mm (0.035 in.)
1.8 mm (0.708 in.)


Similar Part No. - FCN-360C040-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
FCN-360C040-J2 OMRON-FCN-360C040-J2 Datasheet
2Mb / 158P
   CQM1 Programmable Controllers
More results

Similar Description - FCN-360C040-E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-360A1 FUJITSU-FCN-360A1 Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-D82 MITSUMI-IAM-D82 Datasheet
97Kb / 4P
   Rectangular Connectors
logo
Fujitsu Component Limit...
FCN-361J024-AU FUJITSU-FCN-361J024-AU Datasheet
1Mb / 33P
   RECTANGULAR CONNECTORS
FCN-360C024-B FUJITSU-FCN-360C024-B Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
Mitsumi Electronics, Co...
IAM-F30 MITSUMI-IAM-F30 Datasheet
377Kb / 5P
   Rectangular Connectors
IAM-C26 MITSUMI-IAM-C26 Datasheet
239Kb / 4P
   Rectangular Connectors
logo
Fuji Electric
FCN-364P040-AU FUJI-FCN-364P040-AU Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS
logo
List of Unclassifed Man...
105650 ETC2-105650 Datasheet
813Kb / 7P
   EPIC Rectangular Connectors
logo
TE Connectivity Ltd
1-172165-2 TEC-1-172165-2 Datasheet
516Kb / 6P
   Rectangular Power Connectors
logo
Lite-On Technology Corp...
FCN-363J-AUS LITEON-FCN-363J-AUS Datasheet
1Mb / 32P
   RECTANGULAR CONNECTORS FCN360 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com