Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7891BP-2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7891BP-2
Description  LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891BP-2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7891BP-2 Datasheet HTML 5Page - Analog Devices AD7891BP-2 Datasheet HTML 6Page - Analog Devices AD7891BP-2 Datasheet HTML 7Page - Analog Devices AD7891BP-2 Datasheet HTML 8Page - Analog Devices AD7891BP-2 Datasheet HTML 9Page - Analog Devices AD7891BP-2 Datasheet HTML 10Page - Analog Devices AD7891BP-2 Datasheet HTML 11Page - Analog Devices AD7891BP-2 Datasheet HTML 12Page - Analog Devices AD7891BP-2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD7891
–9–
REV. D
TERMINOLOGY
Signal-to-(Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at the
output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the rms sum of all nonfundamental
signals up to half the sampling frequency (fS/2), excluding dc.
The ratio is dependent upon the number of quantization levels
in the digitization process; the more levels, the smaller the quan-
tization noise. The theoretical signal-to-(noise +distortion) ratio
for an ideal N-bit converter with a sine wave input is given by
Signal-to-(Noise + Distortion) = (6.02N + 1.76) dB
Therefore, for a 12-bit converter, this is 74 dB.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the
fundamental. For the AD7891, it is defined as
THD dB
log
() =
++++
20
2222
2
V
VVVV
V
2345
6
1
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5 and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the rms
value of the next largest component in the ADC output spectrum
(up to fS/2 and excluding dc) to the rms value of the fundamental.
Normally, the value of this specification is determined by the larg-
est harmonic in the spectrum, but for parts where the harmonics
are buried in the noise floor, it is a noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa
± nfb, where
m, n = 0, 1, 2, 3, and so on. Intermodulation terms are those for
which neither m nor n are equal to zero. For example, the
second-order terms include (fa + fb) and (fa – fb), while the
third-order terms include (2fa + fb), (2fa – fb), (fa + 2fb), and
(fa – 2fb).
The AD7891 is tested using the CCIF standard where two
input frequencies near the top end of the input bandwidth are
used. In this case, the second- and third-order terms are of
different significance. The second-order terms are usually dis-
tanced in frequency from the original sine waves while the third-
order terms are usually at a frequency close to the input
frequencies. As a result, the second- and-third order terms are
specified separately. The calculation of the intermodulation
distortion is as per the THD specification where it is the ratio of
the rms sum of the individual distortion products to the rms
amplitude of the fundamental expressed in dBs.
Channel-to-Channel Isolation
Channel-to-channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale 20 kHz (AD7891-1) or 100 kHz (AD7891-2) sine wave
signal to one input channel and determining how much that
signal is attenuated in each of the other channels. The figure
given is the worst case across all eight channels.
Relative Accuracy
Relative accuracy or endpoint nonlinearity is the maximum
deviation from a straight line passing through the endpoints of
the ADC transfer function.
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Positive Full-Scale Error (AD7891-1,
10 V and
5 V;
AD7891-2,
2.5 V)
This is the deviation of the last code transition (01. . .110 to
01. . .111) from the ideal 4
¥ REF IN – 3/2 LSB (AD7891-1
±10 V range), 2 ¥ REF IN – 3/2 LSB (AD7891-1 ± 5V range),
or REF IN – 3/2 LSB (AD7891-2,
±2.5 V range), after the
bipolar zero error has been adjusted out.
Positive Full-Scale Error (AD7891-2, 0 V to 5 V and 0 V to 2.5 V)
This is the deviation of the last code transition (11. . .110 to
11. . .111) from the ideal 2
¥ REF IN – 3/2 LSB (0 V to 5 V
range), or REF IN – 3/2 LSB (0 V to 2.5 V range), after the
unipolar offset error has been adjusted out.
Bipolar Zero Error (AD7891-1,
10 V and
5 V; AD7891-2,
2.5 V)
This is the deviation of the midscale transition (all 0s to all 1s)
from the ideal AGND – 1/2 LSB.
Unipolar Offset Error (AD7891-2, 0 V to 5 V and 0 V to 2.5 V)
This is the deviation of the first code transition (00. . .000 to
00. . .001) from the ideal AGND + 1/2 LSB.
Negative Full-Scale Error (AD7891-1,
10 V and
5 V;
AD7891-2,
2.5 V)
This is the deviation of the first code transition (10. . .000 to
10. . .001) from the ideal –4
¥ REF IN + 1/2 LSB (AD7891-1
±10 V range), –2 ¥ REF IN + 1/2 LSB (AD7891-1 ± 5V range),
or –REF IN + 1/2 LSB (AD7891-2,
±2.5 V range), after bipolar
zero error has been adjusted out.
Track/Hold Acquisition Time
Track/hold acquisition time is the time required for the output of
the track/hold amplifier to reach its final value, within
±1/2 LSB,
after the end of conversion (the point at which the track/hold
returns to track mode). It also applies to situations where a
change in the selected input channel takes place or where there
is a step input change on the input voltage applied to the selected
VIN input of the AD7891. It means the user must wait for the
duration of the track/hold acquisition time after the end of
conversion or after a channel change/step input change to VIN
before starting another conversion, to ensure the part operates
to specification.


Similar Part No. - AD7891BP-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7891BP-2 AD-AD7891BP-2 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891BP-2 AD-AD7891BP-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2 AD-AD7891BP-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2 AD-AD7891BP-2 Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891BP-2 AD-AD7891BP-2 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
More results

Similar Description - AD7891BP-2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7890 AD-AD7890_15 Datasheet
480Kb / 28P
   LC MOS 8-Channel, 12-Bit Serial Data Acquisition System
REV. C
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
AD7891AP AD-AD7891AP Datasheet
316Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891_04 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7891 AD-AD7891 Datasheet
173Kb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. A
AD7891YSZ-2 AD-AD7891YSZ-2 Datasheet
1Mb / 20P
   LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
REV. D
AD7874 AD-AD7874_15 Datasheet
418Kb / 16P
   LC MOS 4-Channel, 12-Bit Simultaneous Sampling Data Acquisition System
REV. C
AD7890 AD-AD7890_17 Datasheet
392Kb / 29P
   8-Channel, 12-Bit Serial Data Acquisition System
AD7890 AD-AD7890 Datasheet
302Kb / 20P
   LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
REV. A
AD1362 AD-AD1362 Datasheet
431Kb / 8P
   16-Channel,12-Bit Data Acquisition System
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com