Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL4C3QE1C Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTL4C3QE1C
Description  40GE Universal LM4 QSFP Optical Transceiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C3QE1C Datasheet(HTML) 5 Page - Finisar Corporation.

  FTL4C3QE1C Datasheet HTML 1Page - Finisar Corporation. FTL4C3QE1C Datasheet HTML 2Page - Finisar Corporation. FTL4C3QE1C Datasheet HTML 3Page - Finisar Corporation. FTL4C3QE1C Datasheet HTML 4Page - Finisar Corporation. FTL4C3QE1C Datasheet HTML 5Page - Finisar Corporation. FTL4C3QE1C Datasheet HTML 6Page - Finisar Corporation. FTL4C3QE1C Datasheet HTML 7Page - Finisar Corporation. FTL4C3QE1C Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FTL4C3QE1C Product Specification – November 2014
F i n i s a r
 Finisar Corporation – 11-Nov-14 Rev C7 Finisar Confidential
Page 5
U
Notes
U
:
1.
Maximum total power value is specified across the full temperature and voltage range.
2.
From power-on and end of any fault conditions.
3.
After internal AC coupling. Self-biasing 100 differential input.
4.
10 MHz to 11.1 GHz range.
5.
Hit ratio = 5 x 10E-5.
6.
AC coupled with 100 differential output impedance.
V.
2B
Optical Characteristics (TOP = 0 to 70C, VCC = 3.1 to 3.47 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Signaling Speed per Lane
10.3125
GBd
1
Lane center wavelengths (range)
1264.5 – 1277.5
1284.5 – 1297.5
1304.5 – 1317.5
1324.5 – 1337.5
nm
Total Average Launch Power
POUT
10.3
dBm
Transmit OMA per Lane, MMF
TxOMA
-3.0
4.8
dBm
Transmit OMA per Lane, SMF
-6.0
3.5
Average Launch Power per Lane, MMF
TXPx
-7.0
4.3
dBm
2
Average Launch Power per Lane, SMF
-10.0
2.3
Optical Extinction Ratio
ER
3.5
dB
Sidemode Suppression ratio
SSRmin
30
dB
Average launch power of OFF
transmitter, per lane
-30
dBm
Relative Intensity Noise
RIN
-128
dB/Hz
3
Optical Return Loss Tolerance
20
dB
Transmitter Reflectance
-12
dB
Transmitter eye mask definition
{X1, X2, X3, Y1, Y2, Y3}
{0.25, 0.4, 0.45, 0.25, 0.28,
0.4}
Receiver
Signaling Speed per Lane
10.3125
GBd
4
Lane center wavelengths (range)
1264.5 – 1277.5
1284.5 – 1297.5
1304.5 – 1317.5
1324.5 – 1337.5
nm
Receive Power (OMA) per Lane, MMF
RxOMA
4.8
dBm
Receive Power (OMA) per Lane, SMF
3.3
Average Receive Power per Lane, MMF
RXPx
-10.0
4.3
dBm
5,6
Average Receive Power per Lane, SMF
-13.7
2.3
Receiver Sensitivity (OMA) per Lane,
MMF
Rxsens
-10.5
dBm
Receiver Sensitivity (OMA) per Lane,
SMF
-10.5
6
Stressed Receiver Sensitivity (OMA) per
Lane, MMF
SRS
-5.0
dBm
Stressed Receiver Sensitivity (OMA) per
Lane, SMF
-8.5
6
Damage Threshold per Lane
PMAX
5.5
dBm


Similar Part No. - FTL4C3QE1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C3QE2C FINISAR-FTL4C3QE2C Datasheet
557Kb / 8P
   40GE Universal LM4 QSFP Optical Transceiver Module
Rev. A1
More results

Similar Description - FTL4C3QE1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C3QE2C FINISAR-FTL4C3QE2C Datasheet
557Kb / 8P
   40GE Universal LM4 QSFP Optical Transceiver Module
Rev. A1
FTL4C2QE1C FINISAR-FTL4C2QE1C Datasheet
555Kb / 8P
   40GE LM4 QSFP Optical Transceiver Module
FTL4S1QE1C FINISAR-FTL4S1QE1C Datasheet
379Kb / 8P
   40GE SWDM4 QSFP Optical Transceiver Module
FTL4P1QE1C FINISAR-FTL4P1QE1C Datasheet
575Kb / 9P
   4x10GBASE-LR QSFP Optical Transceiver Module
FTL4C1QM1C FINISAR-FTL4C1QM1C Datasheet
428Kb / 8P
   10km Multirate QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4E1QM1C FINISAR-FTL4E1QM1C Datasheet
512Kb / 8P
   40km Multirate QSFP Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com