Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4049UBMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4049UBMS
Description  CMOS Hex Buffer/Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBMS Datasheet(HTML) 6 Page - Intersil Corporation

  CD4049UBMS Datasheet HTML 1Page - Intersil Corporation CD4049UBMS Datasheet HTML 2Page - Intersil Corporation CD4049UBMS Datasheet HTML 3Page - Intersil Corporation CD4049UBMS Datasheet HTML 4Page - Intersil Corporation CD4049UBMS Datasheet HTML 5Page - Intersil Corporation CD4049UBMS Datasheet HTML 6Page - Intersil Corporation CD4049UBMS Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT DRAIN
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 7. TYPICAL VOLTAGE TRANSFER CHARACTERIS-
TICS AS A FUNCTION OF TEMPERATURE
Typical Performance Characteristics (Continued)
10V
15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
0
30
20
10
40
50
60
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
1
2
3
4
56
78
70
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
-10V
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-25
-30
-35
-20
-15
-10
-5
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 5V
-10V
0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-1
-2
-3
-4
-5
-6
-7
-8
-25
-30
-35
-20
-15
-10
-5
-15V
10
9
8
7
6
5
4
3
2
1
01
2
3
4
5
6
7
8
9
10
INPUT VOLTAGE (VI) (V)
SUPPLY VOLTAGE (VCC) = 10V
AMBIENT TEMPERATURE (TA)
= -55oC
VCC = 5V
+125oC
+125oC
-55oC
CD4049UBMS


Similar Part No. - CD4049UBMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
313Kb / 11P
   CMOS Hex Buffer/Converter
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
   CMOS Hex Buffer/Converter
More results

Similar Description - CD4049UBMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
   CMOS Hex Buffer/Converter
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
   CMOS Hex Buffer/Converter
November 1994
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
   CMOS Hex Buffer/Converter
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com