Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN660-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN660-10
Description  Two-stage general performance EMI filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN660-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN660-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN660-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN660-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN660-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1-phase filters
FN 660
Two-stage general performance
EMI filter
Approvals
n
Rated currents from 1 to 20A
n
High differential and common-mode
attenuation
n
Optional medical versions (B type)
Typical applications
n
FN660two-stagefiltersaredesignedfor
easyandfastchassismounting.
n
FN660filtersarealsoavailableasB
versionswithoutY-capacitorsformedical
applicationswithnecessityforlowleakage
currents.
n
Allfiltersprovideahigh
conductedattenuationperformance,based
onchokeswithhighsaturationresistance
andexcellentthermalbehavior.
n
FN660filtersaredesignedfornoisy
applicationsrequiringgooddifferential
andcommon-modeattenuation.
n
Variousterminaloptionsallowyouto
selectthedesiredconnectionstyle.
n
FN660filtersarealsoavailableassingle-
stagefilters(FN610,FN612series).
n
Custom-specificversionsonrequest.
n
Electricalandelectronicalequipment
n
Consumergoods
n
Powersupplies
n
Buildingautomation
n
Medicalequipment
n
Officeautomationequipment
n
Datacomequipment
Features and benefits
Technical specifications
Maximum continuous operating voltage:
250VAC, 50/60Hz
Operating frequency:
dc to 400Hz
Rated currents:
1 to 20A @ 40°C max.
High potential test voltage:
P –> E 2000VAC for 2 sec
P –> E 2500VAC for 2 sec (B types)
P –> N 760VAC for 2 sec
Temperature range (operation and storage):
-25°C to +100°C (25/100/21)
Flammability corresponding to:
UL 94V-2 or better
Design corresponding to:
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
MTBF @ 40°C/230V (Mil-HB-217F):
350,000 hours
Typical electrical schematic
P
E
N
Line
Cx
R
L
L1
P‘
N‘
Load
Cy
Cx


Similar Part No. - FN660-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FN660-6/06 MITSUBISHI-FN660-6/06 Datasheet
7Mb / 252P
   GRAPHIC OPERATION TERMINAL GOT SIMPLESeries
More results

Similar Description - FN660-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2080-1-06 ETC2-FN2080-1-06 Datasheet
558Kb / 5P
   Multi-stage High Performance EMI Filter
logo
Schaffner International...
FN-2070 SCHAFFNER-FN-2070 Datasheet
1Mb / 7P
   Multi-stage Performance AC/DC EMI Filter
FN-410 SCHAFFNER-FN-410 Datasheet
453Kb / 3P
   High Performance Two-stage PCB-mounting EMC Filter
logo
List of Unclassifed Man...
FN2060-6-06 ETC2-FN2060-6-06 Datasheet
598Kb / 5P
   Multi-stage General Purpose EMI Filter
logo
Schaffner International...
FN-2080 SCHAFFNER-FN-2080 Datasheet
1Mb / 6P
   Multi-stage High Performance AC/DC EMI Filter
FN2090-30-08-V1 SCHAFFNER-FN2090-30-08-V1 Datasheet
460Kb / 5P
   Multi-stage EMI Filter with Excellent Attenuation Performance
FN2090 SCHAFFNER-FN2090 Datasheet
459Kb / 5P
   Multi-stage EMI Filter with Excellent Attenuation Performance
logo
Tyco Electronics
1VR1 MACOM-1VR1_11 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
1VR3 TEC-1VR3 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
1VR1 TEC-1VR1 Datasheet
226Kb / 4P
   Two-stage General Purpose RFI Power Line Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com