Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCLF852P2BTL Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FCLF852P2BTL
Description  1000BASE-T RoHS Compliant Copper SFP Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FCLF852P2BTL Datasheet(HTML) 2 Page - Finisar Corporation.

  FCLF852P2BTL Datasheet HTML 1Page - Finisar Corporation. FCLF852P2BTL Datasheet HTML 2Page - Finisar Corporation. FCLF852P2BTL Datasheet HTML 3Page - Finisar Corporation. FCLF852P2BTL Datasheet HTML 4Page - Finisar Corporation. FCLF852P2BTL Datasheet HTML 5Page - Finisar Corporation. FCLF852P2BTL Datasheet HTML 6Page - Finisar Corporation. FCLF852P2BTL Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FCLF8520P2BTL, FCLF8521P2BTL and FCLF8522P2BTL 1000BASE-T SFP Product Specification
Fi n i s a r
 Finisar Corporation Sept 4, 2014 Rev D
Page 2
I.
SFP to Host Connector Pin Out
Pin
Symbol
Name/Description
Note
1
VEET
Transmitter ground (common with receiver ground)
1
2
TFAULT
Transmitter Fault. Not supported
3
TDIS
Transmitter Disable. PHY disabled on high or open
2
4
MOD_DEF(2)
Module Definition 2. Data line for serial ID
3
5
MOD_DEF(1)
Module Definition 1. Clock line for serial ID
3
6
MOD_DEF(0)
Module Definition 0. Grounded within the module
3
7
Rate Select
No connection required
8
LOS
Loss of Signal indication.
4
9
VEER
Receiver ground (common with transmitter ground)
1
10
VEER
Receiver ground (common with transmitter ground)
1
11
VEER
Receiver ground (common with transmitter ground)
1
12
RD-
Receiver Inverted DATA out. AC coupled
13
RD+
Receiver Non-inverted DATA out. AC coupled
14
VEER
Receiver ground (common with transmitter ground)
1
15
VCCR
Receiver power supply
16
VCCT
Transmitter power supply
17
VEET
Transmitter ground (common with receiver ground)
1
18
TD+
Transmitter Non-Inverted DATA in. AC coupled
19
TD-
Transmitter Inverted DATA in. AC coupled
20
VEET
Transmitter ground (common with receiver ground)
1
Notes:
1. Circuit ground is isolated from chassis ground
2. PHY disabled on TDIS > 2.0V or open, enabled on TDIS < 0.8V
3. Should be pulled up with 4.7k – 10k Ohms on host board to a voltage between 2.0 V and 3.6 V.
MOD_DEF(0) pulls line low to indicate module is plugged in.
4. LVTTL compatible with a maximum voltage of 2.5V. Not supported on FCLF8521P2BTL.
Table 1. SFP to host connector pin assignments and descriptions
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TXFault
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
ASIC
Towards
Bezel
TX Disable
VeeR
Figure 1. Diagram of host board connector block pin numbers and names


Similar Part No. - FCLF852P2BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCLF8520P2BTL FINISAR-FCLF8520P2BTL Datasheet
99Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF8520P2BTL FINISAR-FCLF8520P2BTL Datasheet
148Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF8521P2BTL FINISAR-FCLF8521P2BTL Datasheet
99Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF8521P2BTL FINISAR-FCLF8521P2BTL Datasheet
148Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
logo
ATGBICS by Approved Tec...
FCLF8521P2BTL-C ATGBICS-FCLF8521P2BTL-C Datasheet
185Kb / 7P
   FCLF8521P2BTL Finisar Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, Ind Temp, 100m)
More results

Similar Description - FCLF852P2BTL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FCLF8520P2BTL FINISAR-FCLF8520P2BTL Datasheet
99Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCLF8522P2BTL_VO1 FINISAR-FCLF8522P2BTL_VO1 Datasheet
148Kb / 7P
   1000BASE-T RoHS Compliant Copper SFP Transceiver
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
   1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
   1000BASE-T COPPER SFP Optical Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
   SFP Copper Transceiver 1000Base-T GBIC
logo
OPLINK Communications I...
TRPRG1VA1C000E2G OPLINK-TRPRG1VA1C000E2G Datasheet
271Kb / 6P
   1000BASE-T and 10/100/1000BASE-T Copper SFP Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-06 BEL-SFP-1GBT-06_17 Datasheet
498Kb / 3P
   SFP Copper Transceiver 1000Base-T to GBIC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com