Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD40257BMS Datasheet(PDF) 5 Page - Intersil Corporation

Part No. CD40257BMS
Description  CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

CD40257BMS Datasheet(HTML) 5 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7-1446
Specifications CD40257BMS
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Pre Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 1 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 2 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Interim Test 3 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 1)
100% 5004
1, 7, 9, Deltas
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
TABLE 7. TOTAL DOSE IRRADIATION
CONFORMANCE GROUPS
MIL-STD-883
METHOD
TEST
READ AND RECORD
PRE-IRRAD
POST-IRRAD
PRE-IRRAD
POST-IRRAD
Group E Subgroup 2
5005
1, 7, 9
Table 4
1, 9
Table 4
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz
Static Burn-In 1
(Note 1)
4, 7, 9, 12
1-3, 5, 6, 8, 10, 11,
13-15
16
Static Burn-In 2
(Note 1)
4, 7, 9, 12
8, 15
1-3, 5, 6, 10, 11,
13, 14, 16
Dynamic Burn-
In (Note 1)
-
8, 15
16
4, 7, 9, 12
2, 3, 5, 6, 10, 11,
13, 14
1
Irradiation
(Note 2)
4, 7, 9, 12
8
1-3, 5, 6, 10, 11,
13-16
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS26LV32AT3V Enhanced CMOS Quad Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
MNDS90LV031A-X3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DM54S157QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS 1 2 3 4 5 National Semiconductor (TI)
LTC221Micropower Low Charge Injection Quad CMOS Analog Switches with Data Latches 1 2 3 4 5 MoreLinear Technology
DS34C86TQuad CMOS Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)
ST26C32QUAD RS-422 RS-423 CMOS Differential Line Receiver 1 2 3 4 5 MoreExar Corporation
DS34C87TCMOS Quad TRISTATE Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS90LV031A3V LVDS Quad CMOS Differential Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS14C88QUAD CMOS Line Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
DS34LV86T3V Enhanced CMOS Quad Differential Line Receiver 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn