Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EF16-KH-8P-WZ7927 Datasheet(PDF) 1 Page - FERYSTER Inductive Components Manufacturer

Part No. EF16-KH-8P-WZ7927
Description  For applications with enlarged creepage distances
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FERYSTER [FERYSTER Inductive Components Manufacturer]
Homepage  http://www.feryster.com
Logo 

EF16-KH-8P-WZ7927 Datasheet(HTML) 1 Page - FERYSTER Inductive Components Manufacturer

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Temp. Class B (130 C) UL 94-V0
o
Sketch with main dimensions
For applications with enlarged creepage
ST
distances.
with molded-in wires
0,6 mm
Standard material: Ultramid A3X2G7, natural
Creepage distances:
at long bobbin side = 14,50 mm
at short bobbin side = 8,12 mm
3,81
4,9
11,0
17,7
4,9
13,5
2,5
10,2
11,2
6,3
21,0
0,6
3,7 3x3,81 17,78
5,08
EF16-K-H-8P-WZ7927
PIN 1
PIN 4
PIN 5
PIN 8
BOTTOM VIEW
b1
b2
b3
h1
h2
k
l1
l2
l3
l5
n1
t
X1
X2
X3
X4
± 0,1
± 0,1
± 0,2
± 0,1
± 0,2
± 0,1
± 0,1
± 0,2
± 0,2
± 0,2
+ 0,2
± 0,2
± 0,2
± 0,2
± 0,2
± 0,2


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn