Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-H401-E0000 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # 5082-H401-E0000
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-H401-E0000 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button 5082-H401-E0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5082-H401-E0000 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(408) 654-8675
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 271 2451
India, Australia, New Zealand: (+65) 271 2394
Japan: (+81 3) 3335-8152(Domestic/Interna-
tional), or 0120-61-1280(Domestic Only)
Korea: (+65) 271 2194
Malaysia, Singapore: (+65) 271 2054
Taiwan: (+65) 271 2654
Data subject to change.
Copyright © 2002 Agilent Technologies, Inc.
Obsoletes 5988-0383EN
January 17, 2002
5988-4273EN


Similar Part No. - 5082-H401-E0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-H411-00000 HP-5082-H411-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-H411-0B000 HP-5082-H411-0B000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-H411-0C000 HP-5082-H411-0C000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-H411-0D000 HP-5082-H411-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-H411-0E000 HP-5082-H411-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-H401-E0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com