Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6619 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6619
Description  Low Profile (0.7 mm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6619 Datasheet(HTML) 3 Page - International Rectifier

  IRF6619 Datasheet HTML 1Page - International Rectifier IRF6619 Datasheet HTML 2Page - International Rectifier IRF6619 Datasheet HTML 3Page - International Rectifier IRF6619 Datasheet HTML 4Page - International Rectifier IRF6619 Datasheet HTML 5Page - International Rectifier IRF6619 Datasheet HTML 6Page - International Rectifier IRF6619 Datasheet HTML 7Page - International Rectifier IRF6619 Datasheet HTML 8Page - International Rectifier IRF6619 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRF6619
www.irf.com
3
Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient †
† Surface mounted on 1 in. square Cu board, steady state.
‡ Used double sided cooling , mounting pad.
ˆ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
‰ TC measured with thermocouple incontact with top (Drain) of part.
Š Rθ is measured at TJ of approximately 90°C.
† Surface mounted on 1 in. square Cu
board (still air).
ˆ Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)
‡ Mounted to a PCB with a
thin gap filler and heat sink.
(still air)
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
h
W
PD @TA = 70°C
Power Dissipation
h
PD @TC = 25°C
Power Dissipation
k
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
hl
–––
45
RθJA
Junction-to-Ambient
il
12.5
–––
RθJA
Junction-to-Ambient
jl
20
–––
°C/W
RθJC
Junction-to-Case
kl
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
Linear Derating Factor
W/°C
0.017
270
-40 to + 150
Max.
89
2.8
1.8
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.6784
0.00086
17.299
0.57756
17.566
8.94
9.4701
106
τA


Similar Part No. - IRF6619

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6619 IRF-IRF6619 Datasheet
292Kb / 9P
   DirectFET Power MOSFET
IRF6619PBF IRF-IRF6619PBF Datasheet
295Kb / 10P
   DirectFET Power MOSFET
IRF6619PBF IRF-IRF6619PBF Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6619TRPBF IRF-IRF6619TRPBF Datasheet
295Kb / 10P
   DirectFET Power MOSFET
More results

Similar Description - IRF6619

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
TSW-6 SHINMEI-TSW-6 Datasheet
191Kb / 4P
   Height 0.7/0.8mm, Low-profile Type Tactile Switches
logo
WAGO Kontakttechnik Gmb...
2000-2291 WAGO-2000-2291 Datasheet
53Kb / 3P
   End plate; 0.7 mm thick; gray
24.11.2021
2000-2292 WAGO-2000-2292 Datasheet
53Kb / 3P
   End plate; 0.7 mm thick; orange
24.11.2021
logo
STANLEY ELECTRIC CO.,LT...
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
logo
ECS, Inc.
ECS-VXO-97 ECS-ECS-VXO-97 Datasheet
346Kb / 1P
   2.0 mm low profile
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
logo
WAGO Kontakttechnik Gmb...
2000-1392 WAGO-2000-1392 Datasheet
111Kb / 3P
   End and intermediate plate; 0.7 mm thick; orange
24.11.2021
2000-1492 WAGO-2000-1492 Datasheet
98Kb / 3P
   End and intermediate plate; 0.7 mm thick; orange
24.11.2021
logo
Skyworks Solutions Inc.
SKY65048-360LF SKYWORKS-SKY65048-360LF Datasheet
524Kb / 19P
   0.7-1.2 GHz Low Noise Amplifier
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C_12 Datasheet
505Kb / 14P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com