Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF5NJ5305SCX Datasheet(PDF) 2 Page - International Rectifier

Part # IRF5NJ5305SCX
Description  HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF5NJ5305SCX Datasheet(HTML) 2 Page - International Rectifier

  IRF5NJ5305SCX Datasheet HTML 1Page - International Rectifier IRF5NJ5305SCX Datasheet HTML 2Page - International Rectifier IRF5NJ5305SCX Datasheet HTML 3Page - International Rectifier IRF5NJ5305SCX Datasheet HTML 4Page - International Rectifier IRF5NJ5305SCX Datasheet HTML 5Page - International Rectifier IRF5NJ5305SCX Datasheet HTML 6Page - International Rectifier IRF5NJ5305SCX Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF5NJ5305
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-55
V
VGS = 0V, ID = -250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.049
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.065
VGS = 10V, ID = -16A
Resistance
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
8.0
S ( )VDS = -25V, IDS = -16A ➃
IDSS
Zero Gate Voltage Drain Current
-25
VDS = -55V ,VGS=0V
-250
VDS = -44V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
70
VGS =-10V, ID = -16A
Qgs
Gate-to-Source Charge
17
nC
VDS = -44V
Qgd
Gate-to-Drain (‘Miller’) Charge
30
td(on)
Turn-On Delay Time
26
VDD = -28V, ID = -16A,
tr
Rise Time
125
RG = 6.8Ω
td(off)
Turn-Off Delay Time
56
tf
Fall Time
74
LS + LD
Total Inductance
4.0
Measured from the center of
drain pad to center of source pad
Ciss
Input Capacitance
1290
VGS = 0V, VDS = -25V
Coss
Output Capacitance
495
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
203
nA
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.67
°C/W
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-22*
ISM
Pulse Source Current (Body Diode) ➀
-88
VSD
Diode Forward Voltage
-1.3
V
Tj = 25°C, IS = -16A, VGS = 0V ➃
trr
Reverse Recovery Time
100
ns
Tj = 25°C, IF = -16A, di/dt ≥ 100A/µs
QRR Reverse Recovery Charge
250
nC
VDD ≤ -30V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
* Current is limited by package


Similar Part No. - IRF5NJ5305SCX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
118Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*)
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
120Kb / 7P
   Avalanche Energy Ratings
IRF5NJ5305 IRF-IRF5NJ5305_15 Datasheet
120Kb / 7P
   Avalanche Energy Ratings
More results

Similar Description - IRF5NJ5305SCX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL7NJ3802 IRF-IRL7NJ3802 Datasheet
125Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ34 IRF-IRF5NJZ34 Datasheet
113Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ48SCV IRF-IRF5NJZ48SCV Datasheet
118Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ024 IRF-IRL5NJ024 Datasheet
115Kb / 7P
   LOGIC LEVEL HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ7404 IRF-IRL5NJ7404 Datasheet
116Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 20V, P-CHANNEL
IRL5NJ7413 IRF-IRL5NJ7413 Datasheet
165Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 30V, N-CHANNEL
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7NA2907SCV IRF-IRF7NA2907SCV Datasheet
114Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-2)
IRL7N1404 IRF-IRL7N1404 Datasheet
115Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com