Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4015BMS Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD4015BMS
Description  CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4015BMS Datasheet(HTML) 8 Page - Intersil Corporation

  CD4015BMS Datasheet HTML 1Page - Intersil Corporation CD4015BMS Datasheet HTML 2Page - Intersil Corporation CD4015BMS Datasheet HTML 3Page - Intersil Corporation CD4015BMS Datasheet HTML 4Page - Intersil Corporation CD4015BMS Datasheet HTML 5Page - Intersil Corporation CD4015BMS Datasheet HTML 6Page - Intersil Corporation CD4015BMS Datasheet HTML 7Page - Intersil Corporation CD4015BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7-96
CD4015BMS
Chip Dimensions and Pad Layout
FIGURE 8.
TYPICAL POWER DISSIPATION AS
A FUNCTION OF FREQUENCY
Typical Performance Characteristics (Continued)
CL = 50pF
CL = 15pF
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
10V
5V
10V
tr, tf = 20ns
RL = 200k
1
24 6 8
10
24 6 8
102
24 6 8
103
24
6 8
104
24 6 8
CLOCK INPUT FREQUENCY (fCL) (kHz)
105
10
102
2
8
6
4
103
2
8
6
4
104
2
8
6
4
105
2
8
6
4
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)
METALLIZATION: Thickness: 11k
Å
− 14kÅ, AL.
PASSIVATION: 10.4kÅ - 15.6k
Å, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN
DIE THICKNESS: 0.0198 inches - 0.0218 inches
DIE SIZE: X = 80 (77 - 85) = (1.956 - 2.159)
Y = 98 (95 - 103) = (2.413 - 2.616)
13
3
14
15
12
11
10
2
1
16
4
5
6
7
8
9
98
80


Similar Part No. - CD4015BMS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4015BMS RENESAS-CD4015BMS Datasheet
424Kb / 8P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
More results

Similar Description - CD4015BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4015BT INTERSIL-CD4015BT Datasheet
74Kb / 3P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
July 1999
logo
Renesas Technology Corp
CD4015BMS RENESAS-CD4015BMS Datasheet
424Kb / 8P
   CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output
December 1992
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP Datasheet
262Kb / 6P
   DUAL 4-STAGE STATIC SHIFT REGISTER (WITH SERIAL INPUT/PARALLEL OUTPUT)
logo
STMicroelectronics
HCC4015B STMICROELECTRONICS-HCC4015B Datasheet
281Kb / 12P
   DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
logo
Toshiba Semiconductor
TC4015BP TOSHIBA-TC4015BP_07 Datasheet
347Kb / 9P
   Dual 4-Stage Static Shift Register(with serial input/parallel output)
logo
List of Unclassifed Man...
MMC4015 ETC1-MMC4015 Datasheet
109Kb / 4P
   DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT / PARALLEL OUTPUT
logo
STMicroelectronics
HCF4015B STMICROELECTRONICS-HCF4015B Datasheet
225Kb / 10P
   DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com