Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4010BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD4010BMS
Description  CMOS Hex Buffer/Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4010BMS Datasheet(HTML) 6 Page - Intersil Corporation

  CD4010BMS Datasheet HTML 1Page - Intersil Corporation CD4010BMS Datasheet HTML 2Page - Intersil Corporation CD4010BMS Datasheet HTML 3Page - Intersil Corporation CD4010BMS Datasheet HTML 4Page - Intersil Corporation CD4010BMS Datasheet HTML 5Page - Intersil Corporation CD4010BMS Datasheet HTML 6Page - Intersil Corporation CD4010BMS Datasheet HTML 7Page - Intersil Corporation CD4010BMS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4-6
Typical Performance Characteristics
FIGURE 1. MINIMUM AND MAXIMUM VOLTAGE TRANSFER
CHARACTERISTICS (VDD = 5)
FIGURE 2. MINIMUM AND MAXIMUM VOLATGE TRANSFER
CHARACTERISTICS (VDD = 10)
FIGURE 3. MINIMUM AND MAXIMUM VOLATGE TRANSFER
CHARACTERISTICS (VDD = 15)
FIGURE 4. TYPICAL VOLATGE TRANSFER CHARACTERIS-
TICS AS A FUNCTION OF TEMPERATURE
FIGURE 5. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
VI
VO
AMBIENT TEMPERATURE (TA) = +25
oC
COLLECTOR SUPPLY VOLTAGE (VCC) = 5V
DRAIN SUPPLY VOLTAGE (VDD) = 5V
1
5
4
3
2
012345
INPUT VOLTAGE (VI)
MAX
MIN
VI
VO
MAX
MIN
AMBIENT TEMPERATURE (TA) = +25
oC
COLLECTOR SUPPLY VOLTAGE (VCC) = +5V
DRAIN SUPPLY VOLTAGE (VDD) = +10V
1
5
4
3
2
024
INPUT VOLTAGE (VI)
6810
VI
VO
AMBIENT TEMPERATURE (TA) = +25
oC
COLLECTOR SUPPLY VOLTAGE (VCC) = +5V
DRAIN SUPPLY VOLTAGE (VDD) = +15V
MAX
MIN
02
4
INPUT VOLTAGE (VI)
68
10
1
5
4
3
2
12
15
COLLECTOR SUPPLY VOLTAGE (VCC) = +5
= (TA) +125
oC
= (TA) - 55
oC
+10V
+15V
1
5
4
3
2
02
4
6
8
10
12
14
INPUT VOLTAGE (VI)
AMBIENT TEMPERATURE (TA) = +25
oC
TYPICAL TEMPERATURE COEFFICIENT
FOR ID = -0.3%/oC
GATE-TO-SOURCE
VOLTAGE (VGS) = 15V
10V
5V
100
80
60
40
20
DRAIN-TO-SOURCE VOLTS (VDS)
0
246
810
12
14
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE
VOLTAGE (VGS) = 15V
10V
5V
60
50
40
30
20
10
0
5
10
15
20
DRAIN-TO-SOURCE VOLTS (VDS)
CD4010BMS


Similar Part No. - CD4010BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4010BM TI-CD4010BM Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM TI-CD4010BM Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
CD4010BM TI1-CD4010BM Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
CD4010BM96 TI-CD4010BM96 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4010BM96 TI-CD4010BM96 Datasheet
1Mb / 18P
[Old version datasheet]   CMOs Hex Buffers/Converters
More results

Similar Description - CD4010BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
   CMOS Hex Buffer/Converter
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
   CMOS Hex Buffer/Converter
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com