Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD40108 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD40108
Description  CMOS 4 x 4 Multiport Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40108 Datasheet(HTML) 5 Page - Intersil Corporation

  CD40108 Datasheet HTML 1Page - Intersil Corporation CD40108 Datasheet HTML 2Page - Intersil Corporation CD40108 Datasheet HTML 3Page - Intersil Corporation CD40108 Datasheet HTML 4Page - Intersil Corporation CD40108 Datasheet HTML 5Page - Intersil Corporation CD40108 Datasheet HTML 6Page - Intersil Corporation CD40108 Datasheet HTML 7Page - Intersil Corporation CD40108 Datasheet HTML 8Page - Intersil Corporation CD40108 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
7-29
Specifications CD40108BMS
Minimum Clock Pulse
Width Clock or Write
Enable
TW
VDD = 5V
3
+25oC
-
350
ns
VDD = 10V
3
+25oC
-
130
ns
VDD = 15V
3
+25oC
-
90
ns
Minimum Clock Pulse
Width Write Address
TW
VDD = 5V
3
+25oC
-
300
ns
VDD = 10V
3
+25oC
-
150
ns
VDD = 15V
3
+25oC
-
90
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC
-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized
on initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
5. If more than one unit is cascaded, TRCL should be made less than or equal to the sumof the transition time and the fixed propagation
delay of the output of the driving stage for the estimated capacitive load.
TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
1, 4
+25oC-
25
µA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10
µA
1, 4
+25oC
-2.8
-0.2
V
N Threshold Voltage
Delta
∆VTN
VDD = 10V, ISS = -10
µA
1, 4
+25oC-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC
0.2
2.8
V
P Threshold Voltage
Delta
∆VTP
VSS = 0V, IDD = 10
µA
1, 4
+25oC-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
1
+25oC
VOH >
VDD/2
VOL <
VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay Time
TPHL
TPLH
VDD = 5V
1, 2, 3, 4
+25oC
-
1.35 x
+25oC
Limit
ns
NOTES: 1. All voltages referenced to device GND.
2. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
3. See Table 2 for +25oC limit.
4. Read and Record
TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-2
IDD
± 1.0µA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 6. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Pre Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX


Similar Part No. - CD40108

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4010 TI-CD4010 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Fairchild Semiconductor
CD4010 FAIRCHILD-CD4010 Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
Intersil Corporation
CD40100BMS INTERSIL-CD40100BMS Datasheet
65Kb / 9P
   CMOS 32-Stage Static Left/Right Shift Register
December 1992
CD40101BMS INTERSIL-CD40101BMS Datasheet
105Kb / 8P
   CMOS 9-Bit Parity Generator/Checker
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results

Similar Description - CD40108

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD40208BMS INTERSIL-CD40208BMS Datasheet
130Kb / 11P
   CMOS 4 x 4 Multiport Register
December 1992
logo
STMicroelectronics
HCC40208B STMICROELECTRONICS-HCC40208B Datasheet
290Kb / 13P
   4 x 4 MULTIPORT REGISTER
HCC40108B STMICROELECTRONICS-HCC40108B Datasheet
328Kb / 14P
   4 x 4 MULTIPORT REGISTER
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
   4x4 Multiport Register
logo
OKI electronic componet...
MSM514262 OKI-MSM514262 Datasheet
507Kb / 45P
   262,144-Word x 4-Bit Multiport DRAM
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
logo
Motorola, Inc
SN54LS170 MOTOROLA-SN54LS170 Datasheet
107Kb / 4P
   4 x 4 REGISTER FILE OPEN-COLLECTOR
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
   4 x 4 register file 3-state
December 1990
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
   4 x 4 register file 3-State
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com