Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD40100BMS Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD40100BMS
Description  CMOS 32-Stage Static Left/Right Shift Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40100BMS Datasheet(HTML) 6 Page - Intersil Corporation

  CD40100BMS Datasheet HTML 1Page - Intersil Corporation CD40100BMS Datasheet HTML 2Page - Intersil Corporation CD40100BMS Datasheet HTML 3Page - Intersil Corporation CD40100BMS Datasheet HTML 4Page - Intersil Corporation CD40100BMS Datasheet HTML 5Page - Intersil Corporation CD40100BMS Datasheet HTML 6Page - Intersil Corporation CD40100BMS Datasheet HTML 7Page - Intersil Corporation CD40100BMS Datasheet HTML 8Page - Intersil Corporation CD40100BMS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
1282
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
Specifications CD40100BMS
NOTES:
1. Each pin except VDD and GND will have a series resistor of 10K
± 5%, VDD = 18V ± 0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
± 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures,
VDD = 10V
± 0.5V
TABLE 9. DATA TRANSFER TABLE*
INITIAL STATE
CLOCK
RESULTING STATE
DATA INPUT
CLOCK INHIBIT
INTERNAL STAGE
LEVEL CHANGE
INTERNAL
STAGE Q
OUTPUT
00
X
0
NC
X0
0
NC
0
10
X
1
NC
X0
1
NC
1
X
1
1
X
NC
NC
0 = Low Level
1 = High Level
X = Don’t Care
NC = No Change
* For Shift-Right Mode
Data Input = SHIFT RIGHT INPUT (Term. 11)
Internal Stage = Stage 1 (Q1)
Output = SHIFT LEFT OUTPUT (Term. 4)
For Shift Left Mode
Data Input = SHIFT LEFT INPUT (Term. 6)
Internal Stage = Stage 32 (Q32)
Output = SHIFT RIGHT OUTPUT (Term. 12)
TABLE 10. CONTROL TRUTH TABLE
LEFT/RIGHT
CONTROL
CLOCK INHIBIT
RECIRCULATE
CONTROL
ACTION
INPUT BIT ORIGIN
1
0
1
Shift Left
Shift Left Input
1
0
0
Shift Left
Stage 1
0
0
1
Shift Right
Shift Right Input
0
0
0
Shift Right
Stage 32
X
1
X
No Shift
-
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
(Continued)
FUNCTION
OPEN
GROUND
VDD
9V
± -0.5V
OSCILLATOR
50kHz
25kHz


Similar Part No. - CD40100BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4010 TI-CD4010 Datasheet
304Kb / 12P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
logo
Fairchild Semiconductor
CD4010 FAIRCHILD-CD4010 Datasheet
53Kb / 5P
   Hex Buffers (Non-Inverting)
logo
Intersil Corporation
CD40101BMS INTERSIL-CD40101BMS Datasheet
105Kb / 8P
   CMOS 9-Bit Parity Generator/Checker
December 1992
logo
Texas Instruments
CD40102B TI-CD40102B Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
CD40102BE TI-CD40102BE Datasheet
572Kb / 14P
[Old version datasheet]   CMOS 8-STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results

Similar Description - CD40100BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40100B STMICROELECTRONICS-HCC40100B Datasheet
287Kb / 13P
   32-STAGE STATIC LEFT/RIGHT SHIFT REGISTER
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
   CMOS 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
[Old version datasheet]   CMOS 64-STAGE STATIC SHIFT REGISTER
CD4006B TI-CD4006B Datasheet
217Kb / 5P
[Old version datasheet]   CMOS 18-STAGE STATIC SHIFT REGISTER
CD4021B-Q1 TI1-CD4021B-Q1 Datasheet
3Mb / 14P
[Old version datasheet]   CMOS 8-STAGE STATIC SHIFT REGISTER
CD4006BE TI-CD4006BE Datasheet
368Kb / 8P
[Old version datasheet]   CMOS 18-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
[Old version datasheet]   CMOS Dual 4-Stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com