Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7794 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7794
Description  6-Channel, Low Noise, Low Power
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7794_15 Datasheet HTML 4Page - Analog Devices AD7794_15 Datasheet HTML 5Page - Analog Devices AD7794_15 Datasheet HTML 6Page - Analog Devices AD7794_15 Datasheet HTML 7Page - Analog Devices AD7794_15 Datasheet HTML 8Page - Analog Devices AD7794_15 Datasheet HTML 9Page - Analog Devices AD7794_15 Datasheet HTML 10Page - Analog Devices AD7794_15 Datasheet HTML 11Page - Analog Devices AD7794_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
AD7794/AD7795
Rev. D | Page 7 of 36
Parameter1
AD7794/AD7795
Unit
Test Conditions/Comments
LOGIC OUTPUT (INCLUDING CLK)
VOH, Output High Voltage2
DVDD − 0.6
V min
DVDD = 3 V, ISOURCE = 100 μA
VOL, Output Low Voltage2
0.4
V max
DVDD = 3 V, ISINK = 100 μA
VOH, Output High Voltage2
4
V min
DVDD = 5 V, ISOURCE = 200 μA
VOL, Output Low Voltage2
0.4
V max
DVDD = 5 V, ISINK = 1.6 mA (DOUT/RDY), 800 μA (CLK)
Floating-State Leakage Current
±10
μA max
Floating-State Output Capacitance
10
pF typ
Data Output Coding
Offset binary
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × FS
V max
Zero-Scale Calibration Limit
−1.05 × FS
V min
Input Span
0.8 × FS
V min
2.1 × FS
V max
POWER REQUIREMENTS7
Power Supply Voltage
AVDD to GND
2.7/5.25
V min/max
DVDD to GND
2.7/5.25
V min/max
Power Supply Currents
IDD Current
140
μA max
110 μA typ @ AVDD = 3 V, 125 μA typ @ AVDD = 5 V,
unbuffered mode, external reference
185
μA max
130 μA typ @ AVDD = 3 V, 165 μA typ @ AVDD = 5 V,
buffered mode, gain = 1 or 2, external reference
400
μA max
300 μA typ @ AVDD = 3 V, 350 μA typ @ AVDD = 5 V,
gain = 4 to 128, external reference
500
μA max
400 μA typ @ AVDD = 3 V, 450 μA typ @ AVDD = 5 V,
gain = 4 to 128, internal reference
IDD (Power-Down Mode)
1
μA max
AD7794B, AD7795B
2
μA max
AD7794C
1 Temperature range: B Grade: −40°C to +105°C, C Grade: −40°C to +125°C. At the 19.6 Hz and 39.2 Hz update rates, the INL, power supply rejection (PSR), common-
mode rejection (CMR), and normal mode rejection (NMR) do not meet the data sheet specification if the voltage on the AIN(+) or AIN(−) pins exceeds AVDD – 1.6 V
typically. In addition, the offset error and offset error drift degrade at these update rates when chopping is disabled. When this voltage is exceeded, the INL, for
example, is reduced to 18 ppm of FS typically while the PSR is reduced to 69 dB typically. Therefore, for guaranteed performance at these update rates, the absolute
voltage on the analog input pins needs to be below AVDD − 1.6 V.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Following a calibration, this error is in the order of the noise for the programmed gain and update rate selected.
4 Recalibration at any temperature removes these errors.
5 Full-scale error applies to both positive and negative full-scale, and applies at the factory calibration conditions (AVDD = 4 V, gain = 1, TA = 25°C).
6 FS[3:0] are the four bits used in the mode register to select the output word rate.
7 Digital inputs equal to DVDD or GND with excitation currents and bias voltage generator disabled.


Similar Part No. - AD7794_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7794BRU AD-AD7794BRU Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRU-REEL AD-AD7794BRU-REEL Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ-REEL1 AD-AD7794BRUZ-REEL1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ1 AD-AD7794BRUZ1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794CRUZ-REEL1 AD-AD7794CRUZ-REEL1 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
More results

Similar Description - AD7794_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7795 AD-AD7795_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7785 AD-AD7785_15 Datasheet
636Kb / 32P
   3-Channel, Low Noise, Low Power
REV. 0
AD7798 AD-AD7798_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
AD7799 AD-AD7799_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
logo
United Monolithic Semic...
CHA3666 UMS-CHA3666_15 Datasheet
188Kb / 8P
   6-17GHz Low Noise Amplifier
CHA3666-FAA UMS-CHA3666-FAA_15 Datasheet
537Kb / 12P
   6-16GHz Low Noise Amplifier
CHA3666 UMS-CHA3666 Datasheet
247Kb / 8P
   6-17GHz Low Noise Amplifier
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9015 INTERSIL-X9015 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com