Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7785 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7785
Description  3-Channel, Low Noise, Low Power
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7785 Datasheet(HTML) 3 Page - Analog Devices

  AD7785_15 Datasheet HTML 1Page - Analog Devices AD7785_15 Datasheet HTML 2Page - Analog Devices AD7785_15 Datasheet HTML 3Page - Analog Devices AD7785_15 Datasheet HTML 4Page - Analog Devices AD7785_15 Datasheet HTML 5Page - Analog Devices AD7785_15 Datasheet HTML 6Page - Analog Devices AD7785_15 Datasheet HTML 7Page - Analog Devices AD7785_15 Datasheet HTML 8Page - Analog Devices AD7785_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7785
Rev. 0 | Page 3 of 32
SPECIFICATIONS
AVDD = 2.7 V to 5.25 V; DVDD = 2.7 V to 5.25 V; GND = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
AD7785B1
Unit
Test Conditions/Comments
ADC CHANNEL
Output Update Rate
4.17 to 470
Hz nom
No Missing Codes2
20
Bits min
Resolution
See Output Noise and Resolution Specifications
Output Noise and Update Rates
See Output Noise and Resolution Specifications
Integral Nonlinearity
±15
ppm of FSR max
Offset Error3
±1
μV typ
Offset Error Drift vs. Temperature4
±10
nV/°C typ
Full-Scale Error3, 5
±10
μV typ
Gain Drift vs. Temperature4
±1
ppm/°C typ
Gain = 1 to 16, external reference
±3
ppm/°C typ
Gain = 32 to 128, external reference
Power Supply Rejection
100
dB min
AIN = 1 V/gain, gain ≥ 4, external reference
ANALOG INPUTS
Differential Input Voltage Ranges
±VREF/Gain
V nom
VREF = REFIN(+)
− REFIN(−) or internal reference,
gain = 1 to 128
Absolute AIN Voltage Limits2
Unbuffered Mode
GND – 30 mV
V min
Gain = 1 or 2
AVDD + 30 mV
V max
Buffered Mode
GND + 100 mV
V min
Gain = 1 or 2
AVDD – 100 mV
V max
In-Amp Active
GND + 300 mV
V min
Gain = 4 to 128
AVDD – 1.1
V max
Common-Mode Voltage, VCM
0.5
V min
VCM = (AIN(+) + AIN(
−))/2, gain = 4 to 128
Analog Input Current
Buffered Mode or In-Amp Active
Average Input Current2
±1
nA max
Gain = 1 or 2, update rate < 100 Hz
±250
pA max
Gain = 4 to 128, update rate < 100 Hz
Average Input Current Drift
±2
pA/°C typ
Unbuffered Mode
Gain = 1 or 2
Average Input Current
±400
nA/V typ
Input current varies with input voltage
Average Input Current Drift
±50
pA/V/°C typ
Normal Mode Rejection2
Internal Clock
@ 50 Hz, 60 Hz
65
dB min
80 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
@ 50 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, FS[3:0] = 10016
@ 60 Hz
90
dB min
100 dB typ, 60 ± 1 Hz, FS[3:0] = 10006
External Clock
@ 50 Hz, 60 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
@ 50 Hz
94
dB min
100 dB typ, 50 ± 1 Hz, FS[3:0] = 10016
@ 60 Hz
90
dB min
100 dB typ, 60 ± 1 Hz, FS[3:0] = 10006
Common-Mode Rejection
@ DC
100
dB min
AIN = 1 V/gain, gain ≥ 4
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz (FS[3:0] = 1001)6, 60 ± 1 Hz
(FS[3:0] = 1000)6


Similar Part No. - AD7785_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
More results

Similar Description - AD7785_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7798 AD-AD7798_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
AD7799 AD-AD7799_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
AD7795 AD-AD7795_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7794 AD-AD7794_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
   Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
   Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
   Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
X9015 INTERSIL-X9015 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com