Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR6016 Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # APR6016
Description  16 min Recording & Playback Voice IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button APR6016_15 Datasheet HTML 5Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 6Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 7Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 9Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 10Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 11Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 12Page - Aplus Intergrated Circuits APR6016_15 Datasheet HTML 13Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
INTEGRATED CIRCUITS INC.--
APR6016
http://www.aplusinc.com.tw
/
24
TEL : 886-2-2782-9266
ver1.4
9
Reading the SID
Each device in the APRXX series family contains
an
embedded Silicon Identification (SID). The SID can
be read by the host processor to identify which
family/family member is being used. Reading the
device SID requires issuing two OpCode
commands; a SID command followed by any other
command,usually a NOP command. The device
will clock the SID data out on the DO pin as the
command that follows the SID command is
clocked in.
Figure 9 is a diagram that describes the process
necessary for reading SID information.
The SID information follows the format given in
Figure 10. The first bit shifted out DO is the
Overflow bit. The Overflow bit is set to a binary 1 if
an attempt was made to record beyond the
available memory. The Overflow bit is set to 0 if an
overflow has not occurred. This bit is cleared after it
has been read. The Dl bit is the End Of Data (EOD)
bit.
The EOD bit is set when the device stops playing or
fast-forwarding as a result of EOD bit in memory.
The EOD bit cleared after it has been read. The D2
bit is the Illegal Address bit. The Illegal Address Bit
is set whenever an illegal address is sent to the
device. The D3 bit is the LBAT bit. This bit is set
when the device senses a supply voltage below
specification. The following five bits represent the
product family. The APRXX product family code is
binary 01000 as shown in Figure 10. The next
four bits represent the device code. The APR6016
device code is binary 0010 as shown in Figure 10.
The last seven bits are random data and should
be ignored.


Similar Part No. - APR6016_15

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
More results

Similar Description - APR6016_15

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
APR6016 APLUS-APR6016 Datasheet
1Mb / 24P
   Voice Recording & Playback Device 16 Minute Duration
PR33A3 APLUS-PR33A3 Datasheet
1Mb / 27P
   Recording voice IC
logo
List of Unclassifed Man...
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
logo
OKI electronic componet...
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
   Flash-driving Recording and Playback IC
logo
Aplus Intergrated Circu...
PR2060 APLUS-PR2060 Datasheet
1Mb / 28P
   40 ~ 80 sec recording voice IC
logo
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com