Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD22M3494E Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD22M3494E
Description  16 x 8 x 1 BiMOS-E Crosspoint Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3494E Datasheet(HTML) 5 Page - Intersil Corporation

  CD22M3494E Datasheet HTML 1Page - Intersil Corporation CD22M3494E Datasheet HTML 2Page - Intersil Corporation CD22M3494E Datasheet HTML 3Page - Intersil Corporation CD22M3494E Datasheet HTML 4Page - Intersil Corporation CD22M3494E Datasheet HTML 5Page - Intersil Corporation CD22M3494E Datasheet HTML 6Page - Intersil Corporation CD22M3494E Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
69
To make a connection (close switch) between any two points, specify an “X” address, a “Y” address, set “DATA” high, and switch
“STROBE” from low to high. To break a connection, follow this same procedure with “DATA” low.
Typical Performance Curve
TRUTH TABLE X AXIS
X ADDRESS
AX3
AX2
AX1
AX0
X SWITCH
0000
X0
0001
X1
0010
X2
0011
X3
0100
X4
0101
X5
0110
X12
0111
X13
1000
X6
1001
X7
1010
X8
1011
X9
1100
X10
1101
X11
1110
X14
1111
X15
TRUTH TABLE Y AXIS
Y ADDRESS
AY2
AY1
AY0
Y SWITCH
000
Y0
001
Y1
010
Y2
011
Y3
100
Y4
101
Y5
110
Y6
111
Y7
Example:
DATA
X ADDRESS
Y ADDRESS
AX3
AX2
AX1
AX0
AY2
AY1
AY0
To connect switch X3 to switch Y4:
1
0011100
To connect switch X6 to switch Y7:
1
1000111
To break connection from X3 to Y4:
0
0011100
70
60
50
40
30
20
10
0
-8
-6
-4
-2
0
2
4
6
8
VIN (V)
25oC
-40oC
85oC
RON VS VIN AT -55
oC, 25oC AND 85oC
VEE = -6v, VSS = 0V, VDD = 6V
CD22M3494


Similar Part No. - CD22M3494E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22M3494E INTERSIL-CD22M3494E Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494E INTERSIL-CD22M3494E Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494EZ INTERSIL-CD22M3494EZ Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494EZ INTERSIL-CD22M3494EZ Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494EZ RENESAS-CD22M3494EZ Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

Similar Description - CD22M3494E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com