Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD22M3493Q Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD22M3493Q
Description  12 x 8 x 1 BiMOS-E Crosspoint Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22M3493Q Datasheet(HTML) 1 Page - Intersil Corporation

  CD22M3493Q Datasheet HTML 1Page - Intersil Corporation CD22M3493Q Datasheet HTML 2Page - Intersil Corporation CD22M3493Q Datasheet HTML 3Page - Intersil Corporation CD22M3493Q Datasheet HTML 4Page - Intersil Corporation CD22M3493Q Datasheet HTML 5Page - Intersil Corporation CD22M3493Q Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
64
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207 | Copyright © Intersil Corporation 1999
CD22M3493
12 x 8 x 1 BiMOS-E Crosspoint Switch
The Intersil CD22M3493 is an array of 96 analog switches
capable of handling signals from DC to video. Because of
the switch structure, input signals may swing through the
total supply voltage range, VDD to VSS. Each of the 96
switches may be addressed via the ADDRESS input to the
7 to 96 line decoder. The state of the addressed switch is
established by the signal to the DATA input. A low or logic
zero input will open the switch, while a high logic level or a
one will result in closure of the addressed switch when the
STROBE input goes high from its normally low state. Any
number or combination of connections may be active at
one time. Each connection, however, must be made or
broken individually in the manner previously described. All
switches may be reset by taking the RESET input from a
zero state to a one state and then returning it to its normal
low state.
Features
• 96 Analog Switches
•Low RON
• Guaranteed RON Matching
• Analog Signal Input Voltage Equal to the Supply Voltage
• Wide Operating Voltage . . . . . . . . . . . . . . . . . . . 4V to 16V
• Parallel Input Addressing
• High Latch Up Current . . . . . . . . . . . . . . . . . . 50mA (Min)
• Very Low Crosstalk
• Pin and Functionally Compatible with the Following Types:
SGS M3493, SGS M093, SSI 78A093A, and Mitel
MT8812
Applications
• PBX Systems
• Instrumentation
• Analog and Digital Multiplexers
• Video Switching Networks
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
CD22M3493E
-40 to 85
40 Ld PDIP
E40.6
CD22M3493Q
-40 to 85
44 Ld PLCC
N44.65
AX0
AX1
AX2
AX3
AY0
AY1
AY2
7 TO 96
DECODER
LATCHES
12 X 8
SWITCH
ARRAY
96
96
1
1
VDD
VSS
X0 - X11
Y0 - Y7
STROBE
DATA
RESET
Data Sheet
January 1997
File Number
2491.4
[ /Title
()
/Sub-
ject ()
/Autho
r ()
/Key-
words
()
/Cre-
ator ()
/DOCI
NFO
pdf-
mark
[
/Page-
Mode
/Use-
Out-
lines
/DOC-
VIEW
pdf-
mark


Similar Part No. - CD22M3493Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3494E INTERSIL-CD22M3494E Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494E INTERSIL-CD22M3494E Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results

Similar Description - CD22M3493Q

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com