Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AK672M-2-3 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part No. AK672M-2-3
Description  CONDUCT RESISTANCE : 2HM MAX
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK672M-2-3 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK672M-2-3 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - AK672M-2-3

ManufacturerPart No.DatasheetDescription
Assmann Electronics Inc.
Assmann Electronics Inc...
AK672M-2-3-GR ASSMANN-AK672M-2-3-GR Datasheet
206Kb / 1P
   CONDUCT RESISTANCE : 2 OHM MAX
More results

Similar Description - AK672M-2-3

ManufacturerPart No.DatasheetDescription
Assmann Electronics Inc.
Assmann Electronics Inc...
AK672M-2-3-GR ASSMANN-AK672M-2-3-GR Datasheet
206Kb / 1P
   CONDUCT RESISTANCE : 2 OHM MAX
Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
A914BYW-220M MURATA-A914BYW-220M Datasheet
725Kb / 2P
   Max. of DC resistance
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
   Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
   Max. of DC resistance
A915AY-4R7M MURATA-A915AY-4R7M Datasheet
725Kb / 2P
   Max. of DC resistance
Rhombus Industries Inc.
Rhombus Industries Inc.
T-30410 RHOMBUS-IND-T-30410 Datasheet
45Kb / 1P
   Primary DC Resistance 36 W Max, Secondary DC Resistance 47 W Max.
E-SWITCH
E-SWITCH
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
   CONTACT RESISTANCE: 50MILLI-OHMS Max
CUI INC
CUI INC
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
   CONTACT RESISTANCE : 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
   CONTACT RESISTANCE: 50m OHMS MAX
Amphenol Corporation
Amphenol Corporation
P-UE27-AEX4-XOX AMPHENOL-P-UE27-AEX4-XOX Datasheet
85Kb / 1P
   contact resistance-30 milliohms max
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz