Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA811T Datasheet(PDF) 5 Page - NEC

Part No. UPA811T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA811T Datasheet(HTML) 5 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
µPA811T
5
S-PARAMETERS
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.848
–18.5
12.800
161.3
0.015
78.5
0.974
–8.3
200.00
0.766
–33.1
11.314
146.2
0.026
71.6
0.913
–14.0
300.00
0.647
–45.5
9.862
132.5
0.038
66.4
0.829
–19.0
400.00
0.575
–54.3
8.611
125.0
0.044
64.0
0.778
–20.4
500.00
0.506
–62.0
7.527
116.3
0.052
62.0
0.712
–20.9
600.00
0.450
–71.5
6.847
112.2
0.058
63.0
0.691
–21.5
700.00
0.393
–79.6
6.116
103.6
0.064
61.6
0.666
–21.0
800.00
0.335
–86.5
5.624
99.2
0.072
61.8
0.652
–22.2
900.00
0.290
–91.7
4.970
93.3
0.076
62.4
0.637
–23.1
1000.00
0.260
–97.0
4.521
88.7
0.084
60.4
0.616
–25.3
1100.00
0.236
–102.5
4.202
86.2
0.088
62.0
0.592
–25.7
1200.00
0.213
–109.7
3.947
82.4
0.094
61.2
0.561
–26.4
1300.00
0.193
–116.7
3.792
80.3
0.102
61.3
0.550
–25.7
1400.00
0.178
–123.3
3.468
76.1
0.106
61.1
0.532
–25.1
1500.00
0.168
–131.8
3.408
73.8
0.115
60.2
0.538
–25.1
1600.00
0.161
–139.7
3.218
71.4
0.118
62.3
0.533
–25.2
1700.00
0.153
–149.2
3.085
68.7
0.128
60.8
0.532
–27.5
1800.00
0.148
–156.1
2.980
66.4
0.137
61.9
0.527
–28.5
1900.00
0.143
–163.5
2.840
62.7
0.143
59.4
0.507
–30.7
2000.00
0.149
–169.9
2.752
58.8
0.153
57.6
0.492
–31.8


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn