Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA811T Datasheet(PDF) 4 Page - NEC

Part No. UPA811T
Description  HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC4228 SMALL MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA811T Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
µPA811T
4
S-PARAMETERS
VCE = 3 V, IC = 1 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.969
–7.9
3.625
172.0
0.016
85.0
0.999
–3.6
200.00
0.957
–14.7
3.405
165.9
0.031
80.7
0.989
–6.4
300.00
0.909
–21.2
3.366
156.4
0.046
73.3
0.961
–10.4
400.00
0.909
–27.4
3.218
153.3
0.059
70.9
0.955
–12.4
500.00
0.895
–33.5
3.147
144.8
0.071
66.4
0.913
–14.2
600.00
0.876
–42.4
3.150
141.2
0.083
65.6
0.913
–16.7
700.00
0.821
–49.4
3.040
132.0
0.092
60.7
0.896
–18.0
800.00
0.750
–56.0
2.966
126.2
0.105
58.0
0.888
–21.1
900.00
0.710
–60.5
2.779
119.6
0.110
55.8
0.869
–23.3
1000.00
0.673
–65.3
2.640
114.1
0.119
51.5
0.840
–27.3
1100.00
0.658
–72.2
2.532
110.6
0.124
51.0
0.805
–28.9
1200.00
0.625
–78.4
2.504
105.6
0.129
48.2
0.758
–30.8
1300.00
0.573
–85.4
2.427
102.7
0.138
46.2
0.738
–31.1
1400.00
0.537
–91.2
2.350
96.2
0.137
44.5
0.706
–31.5
1500.00
0.505
–97.1
2.305
92.3
0.143
42.0
0.709
–32.1
1600.00
0.479
–103.2
2.210
88.3
0.142
43.8
0.693
–32.6
1700.00
0.448
–110.2
2.152
83.6
0.148
41.9
0.689
–35.3
1800.00
0.424
–115.4
2.101
81.0
0.155
42.9
0.678
–36.5
1900.00
0.399
–120.9
2.034
75.9
0.157
40.4
0.650
–39.1
2000.00
0.389
–127.2
1.987
71.7
0.165
38.1
0.631
–40.5
VCE = 3 V, IC = 3 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.903
–14.0
8.928
165.7
0.016
89.5
0.985
–6.5
200.00
0.856
–25.6
8.248
154.2
0.028
74.6
0.951
–11.2
300.00
0.763
–36.2
7.535
141.5
0.042
68.0
0.889
–16.4
400.00
0.713
–44.7
6.882
135.1
0.051
65.0
0.851
–18.6
500.00
0.656
–52.3
6.233
125.9
0.058
61.2
0.785
–20.1
600.00
0.602
–62.4
5.854
121.4
0.067
61.4
0.764
–21.7
700.00
0.536
–70.5
5.342
112.1
0.072
58.8
0.733
–21.9
800.00
0.466
–77.7
4.989
106.9
0.080
57.9
0.717
–23.8
900.00
0.412
–82.8
4.471
100.4
0.084
58.0
0.696
–25.0
1000.00
0.374
–87.8
4.123
95.3
0.091
55.7
0.669
–27.6
1100.00
0.346
–93.4
3.871
92.3
0.095
56.9
0.639
–28.3
1200.00
0.315
–100.2
3.667
88.1
0.100
55.9
0.603
–29.2
1300.00
0.285
–106.7
3.575
86.0
0.108
55.8
0.587
–28.7
1400.00
0.263
–112.8
3.367
81.3
0.111
55.6
0.566
–28.3
1500.00
0.245
–119.7
3.214
78.3
0.118
54.5
0.570
–28.2
1600.00
0.230
–126.7
3.038
75.5
0.121
57.3
0.561
–28.3
1700.00
0.214
–135.0
2.918
72.3
0.129
55.9
0.559
–30.5
1800.00
0.202
–141.2
2.821
69.9
0.137
57.2
0.553
–31.5
1900.00
0.192
–147.9
2.696
65.8
0.143
54.8
0.532
–33.7
2000.00
0.193
–154.2
2.613
61.8
0.152
53.2
0.515
–34.7


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn