Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA112D104GAA Datasheet(PDF) 5 Page - AVX Corporation

Part # SA112D104GAA
Description  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SA112D104GAA Datasheet(HTML) 5 Page - AVX Corporation

  SA112D104GAA Datasheet HTML 1Page - AVX Corporation SA112D104GAA Datasheet HTML 2Page - AVX Corporation SA112D104GAA Datasheet HTML 3Page - AVX Corporation SA112D104GAA Datasheet HTML 4Page - AVX Corporation SA112D104GAA Datasheet HTML 5Page - AVX Corporation SA112D104GAA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
41
Axial Leads/SpinGuard®
X5R Dielectric
= Industry preferred values
For other tolerances see Part No. Codes
For other voltages see Part No. Codes
AVX Style
AVX Style
SA10
Length
4.32
(L)
(.170")
Diameter
2.54
(D)
(.100")
Lead
.445
Diameter
(.0175")
Lead
25.4
Length
(1.00")
Cap. in
Typical AVX
WVDC
µF
Part Nos.
10
1.8
SA10ZD185KAR
2.7
SA10ZD275KAR
3.3
SA10ZD335KAR
4.7
SA10ZD475KAR
Dimensions: Millimeters (Inches)
SIZE AND CAPACITANCE SPECIFICATIONS
SPECIAL LEAD CONFIGURATIONS
Dimensions — Body dimensions Per Standard SpinGuard Configurations.
Formed dimensions as shown for types D, E, F, G, H, I, & J configurations.
Radial
Axial
D
E
F
G = .300" L.S.
I = .500" L.S.
Single Crimp
Dual Crimp
No Crimp
H = .400" L.S.
J = .600" L.S.
Formed Dimensions:
LEAD SPACING*
SEATED HEIGHT (Max.)
Nom.
D & E
F
G, H, I & J
SA10
.2"
.525"
.300"
.100"
SA20
.2"
.570"
.375"
.100"
SA30
.2"
.580"
.425"
.150"
SA40
.2"
.650"
.460"
.150"
*Lead spacing can be varied by user to cover .1"-.3" spacing requirements for F, D, and E styles.


Similar Part No. - SA112D104GAA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SA112D104CAA AVX-SA112D104CAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA112D104CAR AVX-SA112D104CAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA112D104DAA AVX-SA112D104DAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA112D104DAR AVX-SA112D104DAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
More results

Similar Description - SA112D104GAA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com