Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC337 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC337
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC337 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BC337_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC337_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIP Type
www.kexin.com.cn
1
Transistors
NPN Transistors
BC337 (KC337)
Features
Collector Current Capability IC=0.5A
Collector Emitter Voltage VCEO=45V
Complement to BC327.
0.46 0.10
1.27TYP
(R2.29)
[1.27 0.20]
1.27TYP
[1.27 0.20]
3.60 0.20
4.58 +0.25
–0.15
0.38
+0.10
–0.05
TO-92
1. Emitter
3. Collector
2. Base
Unit: mm
1 2 3
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
50
Collector - Emitter Voltage
VCEO
45
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
500
mA
Collector Current - Pulse
ICP
1
A
Base Current - Pulse
IBP
200
mA
Collector Power Dissipation
PC
625
mW
Thermal Resistance From Junction to Ambient
RθJA
0.2
/mw
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-65 to 150
V
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
50
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
45
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
VCB= 50 V , IE= 0
0.1
VCB= 50 V , IE= 0 , TJ = 150℃
5
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC=500 mA, IB=50mA
0.7
Base - emitter saturation voltage
VBE(sat) IC= 500 mA, IB= 50mA
1.2
Base - emitter voltage
VBE
VCE= 1V, IC= 500mA
1.2
100
600
100
250
160
400
250
600
DC current gain
VCE= 1V, IC= 500mA
40
Collector output capacitance
Cob
VCB= 10V, IE=ie=0,f=1MHz
5
pF
Transition frequency
fT
VCE= 5V, IC= 10mA,f=100MHz
100
MHz
V
uA
Collector-base cut-off current
ICBO
V
DC current gain
hFE
VCE= 1V, IC= 100mA
BC337
BC337-16
BC337-25
BC337-40
C
B
E


Similar Part No. - BC337_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC337 SECOS-BC337_15 Datasheet
367Kb / 4P
   NPN Plastic-Encapsulate Transistor
logo
KEC(Korea Electronics)
BC337 KEC-BC337_15 Datasheet
343Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
More results

Similar Description - BC337_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com