Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3318CM Datasheet(PDF) 10 Page - Intersil Corporation

Part # CA3318CM
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CM Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CA3318CM Datasheet HTML 4Page - Intersil Corporation CA3318CM Datasheet HTML 5Page - Intersil Corporation CA3318CM Datasheet HTML 6Page - Intersil Corporation CA3318CM Datasheet HTML 7Page - Intersil Corporation CA3318CM Datasheet HTML 8Page - Intersil Corporation CA3318CM Datasheet HTML 9Page - Intersil Corporation CA3318CM Datasheet HTML 10Page - Intersil Corporation CA3318CM Datasheet HTML 11Page - Intersil Corporation CA3318CM Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
4-18
Signal-to-Noise + Distortion Ratio (SINAD)
SINAD is the measured RMS signal to RMS sum of all other
spectral components below the Nyquist frequency excluding DC.
Effective Number of Bits (ENOB)
The effective number of bits (ENOB) is derived from the
SINAD data. ENOB is calculated from:
ENOB = (SINAD - 1.76 + VCORR)/6.02,
where:
VCORR = 0.5dB.
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first 5 harmonic
components to the RMS value of the measured input signal.
+6.4V REF
+5V
A
VIN1
0V TO 6.4V
NC
+5V
D
+5V
6.4V REF
MID-POINT
DRIVER
+5V
A
A
D
A
BIT 9
BIT 8
BIT 1
CLOCK
PHASE
VREF+
VAA+
VAA-
VIN
VIN
VREF-
OF
VDD
BIT 8
BIT 1
CL
PH
CE2
CE1
VSS
VREF+
VIN
VIN
VAA+
VAA-
VREF-
VDD
CE2
CE1
OF
BIT 8
BIT 1
CL
PH
VSS
FIGURE 13. USING TWO CA3318s FOR 9-BIT RESOLUTION
CA3318


Similar Part No. - CA3318CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318CM INTERSIL-CA3318CM Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
More results

Similar Description - CA3318CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Hitachi Semiconductor
HA19510 HITACHI-HA19510 Datasheet
286Kb / 7P
   HIGH- SPEED, LOW-POWER 8-BIT FLASH D/A CONVERTER
HA19211BP HITACHI-HA19211BP Datasheet
375Kb / 11P
   HIGH SPEED LOW POWER 8 BIT A/D FLASH CONVERTER
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com