Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3310 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3310
Description  CMOS, 10-Bit, A/D Converters with Internal Track and Hold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3310 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3310 Datasheet HTML 4Page - Intersil Corporation CA3310 Datasheet HTML 5Page - Intersil Corporation CA3310 Datasheet HTML 6Page - Intersil Corporation CA3310 Datasheet HTML 7Page - Intersil Corporation CA3310 Datasheet HTML 8Page - Intersil Corporation CA3310 Datasheet HTML 9Page - Intersil Corporation CA3310 Datasheet HTML 10Page - Intersil Corporation CA3310 Datasheet HTML 11Page - Intersil Corporation CA3310 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
6-13
FIGURE 8. PEAK INPUT CURRENT vs INPUT VOLTAGE
FIGURE 9. AVERAGE INPUT CURRENT vs INPUT VOLTAGE
FIGURE 10. VREF+ CURRENT vs VREF+ VOLTAGE
FIGURE 11. NORMALIZED GAIN, OFFSET, INTEGRAL AND
DIFFERENTIAL LINEARITY ERRORS vs
REFERENCE VOLTAGE
FIGURE 12. NORMALIZED GAIN, OFFSET, INTEGRAL AND
DIFFERENTIAL LINEARITY ERRORS vs CLOCK
SPEED
FIGURE 13. VAA SUPPLY SENSITIVITY
Typical Performances Curves (Continued)
VAA+ = 3 - 6V
VAA+ = VDD = VREF+
VAA+ = 6V
3V
5V
(-) IPEAK
6V
(+) IPEAK
INPUT VOLTAGE (V)
+60
+40
+20
0
-20
-40
01
2
3
4
6
57
+80
4V
01
2
3
4
6
5
INPUT VOLTAGE (V)
+40
+30
+20
+10
0
-10
-20
VAA+ = 3 - 6V
VAA+ = VDD = VREF+
CLOCK = INTERNAL,
FREE RUNNING
4V
VAA = 6V
5V
3V
78
9
10
+50
+60
80
60
40
20
0
30
20
10
0
VREF+ VOLTAGE (V)
01
2
3
4
6
5
40
78
9
VAA+ = VDD = VREF+
CLOCK INTERNAL,
FREE RUNNING
IAVE
IPEAK
REFERENCE VOLTAGE (V)
01
2
3
4
5
4
3
2
1
5
GAIN
OFFSET
DLE
ILE
CLOCK FREQUENCY (MHz)
5
4
3
2
1
0
12
4
6
7
8
0.1
3
5
OFFSET
ILE
DLE
GAIN
VAA, RIPPLE FREQUENCY (Hz)
100
1000
10,000
100,000
1000
100
10
VDD = VAA = VREF+ = 5V
fCLOCK = 1MHz
VIN = (+) FULL SCALE
VIN = (-) FULL SCALE
CA3310, CA3310A


Similar Part No. - CA3310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310A INTERSIL-CA3310A Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310AM INTERSIL-CA3310AM Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310E INTERSIL-CA3310E Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310M INTERSIL-CA3310M Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
More results

Similar Description - CA3310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com