Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3304A Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3304A
Description  4-Bit, 25 MSPS, Flash A/D Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304A Datasheet(HTML) 3 Page - Intersil Corporation

  CA3304A Datasheet HTML 1Page - Intersil Corporation CA3304A Datasheet HTML 2Page - Intersil Corporation CA3304A Datasheet HTML 3Page - Intersil Corporation CA3304A Datasheet HTML 4Page - Intersil Corporation CA3304A Datasheet HTML 5Page - Intersil Corporation CA3304A Datasheet HTML 6Page - Intersil Corporation CA3304A Datasheet HTML 7Page - Intersil Corporation CA3304A Datasheet HTML 8Page - Intersil Corporation CA3304A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
4-9
Allowable Input Bandwidth
(Note 4)
-
25
fCLK/2
MHz
-3dB Input Bandwidth
-
40
-
MHz
REFERENCE INPUTS
Input Range
VREF+ Range
(Note 4)
VAA- +0.5
-
VAA+V
VREF- Range
(Note 4)
VAA--
VAA+ -0.5
V
Input Loading
Resistor Ladder Impedance
VIN = 5V, CLK = Low
640
-
960
DIGITAL INPUTS
Digital Input
Maximum VIN, Low
CLOCK
(Notes 3, 4)
-
-
0.3 x VAA
V
CE1, CE2
(Note 4)
-
-
0.3 x VDD
V
Minimum VIN, High
CLOCK
(Notes 3, 4)
0.7 x VAA
--
V
CE1, CE2
(Note 4)
0.7 x VDD
--
V
Input Leakage, Except CLK
V = 0V, 5V
-
-
±1
µA
Input Leakage, CLK
(Note 3)
-
±100
±150
µA
DIGITAL OUTPUTS
Digital Outputs
Output Low (Sink) Current
VO = 0.4V
6
-
-
mA
Output High (Source) Current
VO = 4.6V
-3
-
-
mA
Three-State Leakage Current
VO = 0V, 5V
-
±0.2
±5
µA
TIMING CHARACTERISTICS
Conversion Timing
Maximum Conversion Speed
CLK = Square Wave
25
35
-
MSPS
Auto-Balance Time (
φ1)
20
-
-
ns
Sample Time (
φ2)
20
-
5000
ns
Output Timing
Data Valid Delay
(Note 4)
-
30
40
ns
Data Hold Time
(Note 4)
15
25
-
ns
Output Enable Time
-
15
-
ns
Output Disable Time
-
10
-
ns
POWER SUPPLY CHARACTERISTICS
Device Current, IAA
Continuous Clock
-
5.5
-
mA
Continuous
φ2
-
0.4
-
mA
Continuous
φ1-
2
-
mA
Device Current, IDD
Continuous Clock
-
1.5
-
mA
VAA+ = 5V,
VSS = CE1 = VAA- = CLK = GND
Continuous
φ2-
5
10
mA
VAA+ = 7V
Continuous
φ1-
5
20
mA
NOTES:
1. Full scale input range, VREF+ - VREF-, may be in the range of 0.5V to VAA+ -VAA- volts. Linearity errors increase at lower full scale ranges,
however.
2. Input current is due to energy transferred to the input at the start of the sample period. The average value is dependent on input and VDD
voltage.
3. The CLK input is a CMOS inverter with a 50k
Ω feedback resistor. It operates from the VAA+ and VAA- supplies. It may be AC-coupled
with a 1VP-P minimum source.
4. Parameter not tested, but guaranteed by design or characterization.
Electrical Specifications
TA = 25
oC, V
REF+ = 2V, VDD = VAA+ = 5V, VAA- = VREF- = VSS = GND, fCLK = 25MHz
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
CA3304, CA3304A


Similar Part No. - CA3304A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304A INTERSIL-CA3304A Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304AD INTERSIL-CA3304AD Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304AE INTERSIL-CA3304AE Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
CA3304AM INTERSIL-CA3304AM Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
More results

Similar Description - CA3304A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3304 INTERSIL-CA3304_02 Datasheet
295Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converters
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com