Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3282AS1 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CA3282AS1
Description  Octal Low Side Power Driver with Serial Bus Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3282AS1 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CA3282AS1 Datasheet HTML 2Page - Intersil Corporation CA3282AS1 Datasheet HTML 3Page - Intersil Corporation CA3282AS1 Datasheet HTML 4Page - Intersil Corporation CA3282AS1 Datasheet HTML 5Page - Intersil Corporation CA3282AS1 Datasheet HTML 6Page - Intersil Corporation CA3282AS1 Datasheet HTML 7Page - Intersil Corporation CA3282AS1 Datasheet HTML 8Page - Intersil Corporation CA3282AS1 Datasheet HTML 9Page - Intersil Corporation CA3282AS1 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
The number of output drivers ON and conducting (m) may
be from 1 to n. (i.e., For all 8 output drivers conducting, m = n
= 8.) Maximum temperature, dissipation and current ratings
must be observed. The drain current vs case temperature
may be plotted for any value of m from 1 to 8, provided drain
currents remain equal.
The curve of Figure 5 illustrates the boundary limits for tem-
perature and dissipation. Figure 6 shows the maximum cur-
rent for all 8 outputs ON with equal current plotted versus
Case Temperature, TC. Boundary conditions relate to the
Absolute Maximum Ratings as defined in the data sheet.
FIGURE 5. DISSIPATION DERATING CURVE
FIGURE 6. CURRENT vs CASE (TAB) TEMPERATURE, ALL OUTPUTS ON WITH EQUAL CURRENT
2
4
6
8
10
12
0
-40
-25
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
CA3282 WITH EXT.
6oC/W HEAT SINK
(
θJA = 9oC/W)
CA3282 WITH INFINITE
HEAT SINK
(
θJC = 3oC/W)
CA3282 WITH NO HEAT SINK
(
θJA = 45oC/W)
50
75
100
125
150
0.0
0.5
1.0
CASE TEMPERATURE (oC)
IMAX ALL ON DISSIPATION LIMITED
MAX
150
T
C
8
θ
JC
r
DS ON
()
()
×
×
-----------------------------------------------------
=
MAX. ALL ON CURRENT LIMITED
(0.625A EA. X 8 = 5A TOTAL CURRENT)
rDS(ON) = 1Ω
THERMAL RESISTANCE,
θJC = 3oC/W
CA3282


Similar Part No. - CA3282AS1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280 INTERSIL-CA3280 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280A INTERSIL-CA3280A Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280A INTERSIL-CA3280A Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3282AS1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
   0.25A/50V Octal Low Side Power Driver with Serial Bus Control
logo
Renesas Technology Corp
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
   0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
logo
Intersil Corporation
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
   1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
   1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
logo
Intersil Corporation
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
   0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
logo
Renesas Technology Corp
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Intersil Corporation
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
logo
Renesas Technology Corp
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
   0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
   Octal Low Side Driver OLSD
1998 Feb 09
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com