Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3272 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3272
Description  Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3272 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CA3272 Datasheet HTML 2Page - Intersil Corporation CA3272 Datasheet HTML 3Page - Intersil Corporation CA3272 Datasheet HTML 4Page - Intersil Corporation CA3272 Datasheet HTML 5Page - Intersil Corporation CA3272 Datasheet HTML 6Page - Intersil Corporation CA3272 Datasheet HTML 7Page - Intersil Corporation CA3272 Datasheet HTML 8Page - Intersil Corporation CA3272 Datasheet HTML 9Page - Intersil Corporation CA3272 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
RLOAD(max) = [VSUPPLY(min) - VTHD(max)] / ICEX(max)
(EQ. 3)
RLOAD(max) = (6.5V - 5.5V) / 100µA = 10kΩ
(EQ. 4)
Since the CA3272A do not have on-chip diodes to clamp
voltage spikes which may be generated during inductive
switching of the load circuit, an external Zener diode (30V or
less is recommended) should be connected between the
output terminal and ground. Only those outputs used to
switch inductive loads require this protection. Note that since
the rate of change of output current is very high, even small
values of inductance can generate voltage spikes of consid-
erable amplitude on the output terminals which may require
clamping. External free-wheeling diodes returned to the sup-
ply voltage are generally not acceptable as inductive clamps
if the supply voltage exceeds 30V during transients. Typical
loads for either the CA3272A or CA3292A are shown in the
application circuit of Figure 4A. Where inductive loads are
driven from outputs A and B, no external Zener diode clamp
is needed for the CA3292A but is required for the CA3272A
as shown in Figure 4B.
The CA3272A and CA3292A are supplied in specially con-
figured power packages to conduct heat from the junction
through the mounting structure and device leads to the PC
Board. The ground leads are directly connected to the
mounting pad of the chip. The junction-to-air thermal resis-
tance,
θJA may be significantly improved by suitable layout
design of the PC board to which the package is soldered.
Two or more square inches of PC Board ground area next to
the device ground pins is recommended. The PC Board
ground layer should be on the device side of the board with
open space for heat radiation.
Refer to Application Note AN9416 for additional thermal
information. Further information is provided on pulse energy
calculation methods for inductive load applications with
detail explaining the Safe Operating Area shown in Figure 5.
The SOA area for single energy transients is below the dot-
ted lines for the given ambient temperature conditions. The
energy locus plots of the three inductive coils were made for
arbitrarily chosen values of inductance and are shown here
for reference information. The RL time constant, ambient
temperature, clamp voltage and the stored energy in the coil
determine the SOA limits.
NOTE: The internal drive circuit with self protection and fault output
is the CA3292A with the over voltage Zener diode clamp.
FIGURE 4A. TYPICAL APPLICATION CIRCUIT SHOWING OUT-
PUT LOAD CONTROL CAPABILITY OF THE
CA3272A OR CA3292A
NOTE: The VCE(SUS) voltage rating is the maximum voltage for full
load switching.
FIGURE 4B. CA3272A OVER-VOLTAGE PROTECTION IS AN
EXTERNAL ZENER DIODE CLAMP WHERE
VZ(EXT) ≤ VCE(SUS)
FAULT
TLIM
ILIM
OUT A
QA
ZA
FAULT
TLIM
ILIM
OUT B
QB
ZB
FAULT
TLIM
ILIM
OUT C
QC
ZC
FAULT
TLIM
ILIM
OUT D
QD
ZD
HIGH CURRENT
HIGH SIDE DR
LAMP
+VBATT
+VBATT
+VBATT
RELAY
SOLENOID
CA3292A
MOTOR
FAULT
TLIM
ILIM
OUT A
QA
VZ(EXT)
+VBATT
EXTERNAL ZENER DIODE CLAMP
PROTECTION FROM POSITIVE VOLTAGE
SPIKE (INDUCTIVE KICK PULSE) AT TURN-OFF
INDUCTIVE
LOAD
CA3272A
(1 OF 4 CHANNELS)
CA3272A, CA3292A


Similar Part No. - CA3272

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
   High-Side Driver
April 1994
CA3274 INTERSIL-CA3274 Datasheet
27Kb / 5P
   Current Limiting Power Switch with Current Limiter Sense Flag
April 1994
CA3274E INTERSIL-CA3274E Datasheet
27Kb / 5P
   Current Limiting Power Switch with Current Limiter Sense Flag
April 1994
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
CA3275E INTERSIL-CA3275E Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
More results

Similar Description - CA3272

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
   Quad Power Drivers with Serial Diagnostic Interface
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
   Fault Flag Reporting
logo
Diodes Incorporated
AL8863 DIODES-AL8863 Datasheet
467Kb / 13P
   60V BUCK LED CONTROLLER WITH FAULT FLAG
August 2019
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com