Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA809T Datasheet(PDF) 2 Page - NEC

Part # UPA809T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA809T Datasheet(HTML) 2 Page - NEC

  UPA809T Datasheet HTML 1Page - NEC UPA809T Datasheet HTML 2Page - NEC UPA809T Datasheet HTML 3Page - NEC UPA809T Datasheet HTML 4Page - NEC UPA809T Datasheet HTML 5Page - NEC UPA809T Datasheet HTML 6Page - NEC UPA809T Datasheet HTML 7Page - NEC UPA809T Datasheet HTML 8Page - NEC UPA809T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
µPA809T
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cutoff Current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 1 V, IC = 3 mANote 1
80
160
Gain Bandwidth Product (1)
fT
VCE = 1 V, IC = 3 mA, f = 2 GHz
4.0
4.5
GHz
Gain Bandwidth Product (2)
fT
VCE = 3 V, IC = 20 mA, f = 2 GHz
9.0
GHz
Feed-back Capacitance
Cre
VCB = 1 V, IE = 0, f = 1 MHzNote 2
0.75
0.85
pF
Insertion Power Gain (1)
|S21|2
VCE = 1 V, IC = 3 mA, f = 2 GHz
2.5
3.5
dB
Insertion Power Gain (2)
|S21|2
VCE = 3 V, IC = 20 mA, f = 2 GHz
6.5
dB
Noise Figure (1)
NF
VCE = 1 V, IC = 3 mA, f = 2 GHz
1.7
2.5
dB
Noise Figure (2)
NF
VCE = 3 V, IC = 7 mA, f = 2 GHz
1.5
dB
hFE Ratio
hFE1/hFE2
VCE = 1 V, IC = 3 mA
0.85
A smaller value among
hFE of hFE1 = Q1, Q2
A larger value among
hFE of hFE2 = Q1, Q2
Notes 1. Pulse Measurement: Pw
≤ 350
µs, Duty cycle ≤ 2 %
2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank
KB
Marking
T88
hFE Value
80 to 160


Similar Part No. - UPA809T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA809T NEC-UPA809T Datasheet
38Kb / 5P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA809T-T1 NEC-UPA809T-T1 Datasheet
38Kb / 5P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA809TF NEC-UPA809TF Datasheet
15Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA809T NEC-UPA809T_99 Datasheet
38Kb / 5P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - UPA809T

ManufacturerPart #DatasheetDescription
logo
NEC
UPA806T NEC-UPA806T Datasheet
49Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPC805T NEC-UPC805T Datasheet
57Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA808T NEC-UPA808T Datasheet
65Kb / 12P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
UPA807T NEC-UPA807T Datasheet
56Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
UPA802T NEC-UPA802T Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA803T NEC-UPA803T Datasheet
60Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
UPA800T NEC-UPA800T Datasheet
51Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
2SC5193 NEC-2SC5193 Datasheet
65Kb / 12P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
2SC4225 NEC-2SC4225 Datasheet
41Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4187 NEC-2SC4187 Datasheet
43Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com