Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA809T Datasheet(PDF) 6 Page - NEC

Part No. UPA809T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA809T Datasheet(HTML) 6 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
µPA809T
6
VCE = 1 V, IC = 7 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.736
–44.1
14.388
148.1
0.041
61.2
0.833
–28.2
200.00
0.603
–77.3
10.890
124.2
0.074
53.6
0.642
–48.4
300.00
0.494
–100.6
8.181
109.3
0.094
51.9
0.497
–62.1
400.00
0.415
–117.8
6.500
100.3
0.108
51.7
0.389
–68.0
500.00
0.369
–133.0
5.307
94.7
0.118
52.1
0.310
–70.2
600.00
0.350
–145.9
4.558
89.8
0.132
52.9
0.271
–70.5
700.00
0.336
–155.9
3.974
84.3
0.144
52.7
0.240
–77.0
800.00
0.324
–166.0
3.500
79.9
0.156
53.1
0.191
–83.3
900.00
0.309
–173.7
3.096
76.3
0.169
53.8
0.158
–85.9
1000.00
0.314
178.7
2.819
73.3
0.183
54.2
0.141
–87.1
1100.00
0.319
171.0
2.583
70.1
0.193
53.7
0.139
–93.2
1200.00
0.335
166.5
2.407
66.9
0.204
52.9
0.128
–104.6
1300.00
0.347
161.6
2.235
63.3
0.215
51.8
0.106
–113.9
1400.00
0.336
159.6
2.137
59.8
0.231
50.8
0.093
–123.2
1500.00
0.362
154.5
2.032
55.5
0.250
49.7
0.093
–129.3
1600.00
0.359
151.2
1.932
52.9
0.268
49.5
0.098
–140.1
1700.00
0.373
147.4
1.845
50.9
0.280
50.4
0.102
–133.9
1800.00
0.388
143.2
1.756
50.5
0.291
50.7
0.110
–161.6
1900.00
0.404
141.0
1.676
48.7
0.299
50.5
0.116
–167.2
2000.00
0.415
138.1
1.597
47.5
0.307
49.6
0.130
–170.3
VCE = 1 V, IC = 10 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.676
–49.5
16.485
144.1
0.041
59.8
0.808
–31.3
200.00
0.545
–83.0
11.960
120.0
0.071
53.3
0.588
–53.4
300.00
0.442
–108.8
8.726
105.9
0.090
53.3
0.443
–67.7
400.00
0.372
–126.4
6.820
97.6
0.103
54.1
0.339
–73.9
500.00
0.339
–141.2
5.333
92.6
0.116
54.9
0.263
–76.2
600.00
0.328
–153.6
4.754
88.1
0.130
33.9
0.229
–76.4
700.00
0.318
–162.8
4.124
82.9
0.143
55.4
0.205
–84.2
800.00
0.309
–172.4
3.626
78.7
0.157
55.7
0.162
–93.2
900.00
0.295
–179.8
3.201
75.3
0.171
56.3
0.131
–97.4
1000.00
0.303
173.2
2.922
72.6
0.186
56.4
0.115
–99.3
1100.00
0.310
166.1
2.674
69.6
0.198
55.7
0.118
–105.7
1200.00
0.326
162.2
2.480
66.5
0.209
54.5
0.113
–119.6
1300.00
0.336
157.7
2.312
63.1
0.221
53.1
0.096
–132.9
1400.00
0.345
156.0
2.205
39.5
0.237
51.9
0.089
–144.2
1500.00
0.333
151.3
2.100
55.5
0.257
50.6
0.091
–151.0
1600.00
0.351
148.1
1.989
55.0
0.276
50.2
0.101
–159.3
1700.00
0.360
144.8
1.904
51.0
0.230
50.9
0.111
–171.4
1800.00
0.380
140.9
1.804
50.7
0.300
51.0
0.122
–177.0
1900.00
0.396
139.0
1.724
49.0
0.307
50.7
0.129
178.5
2000.00
0.407
136.0
1.642
47.6
0.315
49.7
0.143
177.0
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.003
–16.7
3.418
166.9
0.029
74.7
0.989
–3.6
200.00
0.956
–32.7
3.121
154.7
0.078
64.7
0.951
–14.1
300.00
0.938
–48.4
3.082
141.4
0.113
60.2
0.897
–21.7
400.00
0.895
–61.8
2.931
129.6
0.138
53.4
0.857
–26.1
500.00
0.793
–75.1
2.631
120.5
0.130
46.1
0.811
–30.5
600.00
0.700
–83.7
2.365
114.3
0.160
42.9
0.774
–31.5
700.00
0.671
–96.0
2.189
106.3
0.171
38.2
0.735
–35.8
800.00
0.629
–108.8
1.997
98.9
0.172
34.9
0.665
–35.9
900.00
0.581
–117.9
1.837
92.0
0.172
33.9
0.636
–38.4
1000.00
0.554
–127.4
1.706
87.7
0.170
33.3
0.590
–39.3
1100.00
0.535
–135.4
1.570
82.7
0.167
31.4
0.579
–43.2
1200.00
0.531
–145.8
1.510
78.0
0.162
30.6
0.541
–47.1
1300.00
0.540
–156.4
1.359
74.3
0.162
30.5
0.522
–48.3
1400.00
0.542
–161.9
1.299
71.7
0.162
32.5
0.510
–51.5
1500.00
0.527
–168.3
1.278
62.8
0.166
33.5
0.509
–52.6
1600.00
0.497
–174.3
1.272
58.3
0.169
37.6
0.493
–56.2
1700.00
0.512
178.3
1.216
55.8
0.169
41.3
0.476
–58.1
1800.00
0.492
170.4
1.209
54.2
0.171
46.9
0.469
–62.0
1900.00
0.524
165.5
1.119
52.2
0.176
49.9
0.454
–66.3
2000.00
0.534
159.9
1.069
50.4
0.180
33.4
0.454
–69.3


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn