Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA809T Datasheet(PDF) 5 Page - NEC

Part No. UPA809T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA809T Datasheet(HTML) 5 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
µPA809T
5
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.952
–18.2
3.497
166.0
0.050
74.0
0.979
–8.3
200.00
0.913
–37.9
3.208
150.4
0.101
64.5
0.927
–18.9
300.00
0.871
–55.6
3.048
135.4
0.141
56.5
0.855
–28.2
400.00
0.817
–68.8
2.825
124.1
0.169
49.8
0.803
–33.7
500.00
0.737
–82.6
2.332
114.8
0.184
42.1
0.746
–39.1
600.00
0.657
–93.4
2.236
107.2
0.196
37.7
0.691
–41.0
700.00
0.624
–103.9
2.043
99.0
0.206
33.0
0.639
–45.4
800.00
0.594
–117.9
1.864
91.9
0.208
30.5
0.573
–46.2
900.00
0.560
–127.1
1.715
85.0
0.208
29.0
0.538
–49.5
1000.00
0.544
–137.0
1.593
80.3
0.203
27.8
0.494
–51.7
1100.00
0.527
–145.1
1.458
75.3
0.200
25.6
0.478
–55.7
1200.00
0.534
–154.5
1.391
70.9
0.195
24.4
0.450
–60.1
1300.00
0.554
–163.9
1.258
66.7
0.195
24.1
0.426
–62.4
1400.00
0.566
–169.0
1.200
63.5
0.194
25.6
0.409
–66.3
1500.00
0.547
–175.2
1.185
55.1
0.199
26.0
0.406
–67.7
1600.00
0.523
179.3
1.176
51.3
0.201
29.6
0.392
–72.4
1700.00
0.540
172.6
1.129
48.8
0.198
33.0
0.375
–76.0
1800.00
0.530
165.2
1.109
47.4
0.199
37.3
0.370
–80.9
1900.00
0.559
160.8
1.028
45.2
0.200
40.0
0.365
–87.1
2000.00
0.571
156.2
0.981
43.6
0.203
43.2
0.364
–91.0
VCE = 1 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.864
–29.3
8.784
157.7
0.050
64.3
0.927
–16.5
200.00
0.768
–37.8
7.364
136.9
0.088
56.8
0.797
–34.0
300.00
0.675
–79.1
6.372
139.7
0.115
51.1
0.667
–46.3
400.00
0.584
–94.9
5.374
110.1
0.130
47.2
0.568
–52.1
500.00
0.504
–110.1
4.501
102.3
0.138
44.1
0.485
–55.8
600.00
0.455
–123.0
3.906
96.2
0.148
43.4
0.430
–57.0
700.00
0.428
–134.7
3.298
89.7
0.156
42.3
0.380
–61.3
800.00
0.405
–145.9
2.938
84.1
0.163
42.8
0.321
–63.1
900.00
0.381
–154.2
2.915
79.4
0.171
43.7
0.286
–64.8
1000.00
0.379
–163.1
2.397
75.8
0.178
44.6
0.239
–66.7
1100.00
0.374
–171.9
2.196
72.0
0.184
44.7
0.246
–70.8
1200.00
0.389
–178.5
2.061
68.3
0.190
44.6
0.226
–76.4
1300.00
0.404
174.9
1.916
64.3
0.198
44.2
0.201
–79.4
1400.00
0.414
172.1
1.829
60.6
0.210
44.4
0.184
–83.7
1500.00
0.411
165.7
1.759
55.5
0.225
44.2
0.176
–85.9
1600.00
0.402
161.8
1.680
52.5
0.241
45.3
0.167
–92.5
1700.00
0.417
156.7
1.606
50.1
0.249
48.9
0.159
–97.7
1800.00
0.428
151.2
1.537
49.4
0.259
48.8
0.151
–107.2
1900.00
0.446
148.4
1.458
47.4
0.265
48.7
0.130
–114.4
2000.00
0.457
144.8
1.394
43.8
0.272
48.6
0.155
–120.7
VCE = 1 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.790
–37.9
12.042
152.3
0.043
67.5
0.886
–23.5
200.00
0.672
–69.2
9.515
129.2
0.079
54.7
0.708
–42.2
300.00
0.564
–91.9
7.780
113.6
0.101
51.0
0.562
–55.7
400.00
0.475
–108.5
3.993
103.8
0.115
49.2
0.456
–61.2
500.00
0.415
–123.8
4.959
97.3
0.124
48.6
0.374
–63.8
600.00
0.383
–137.1
4.268
92.1
0.135
49.0
0.329
–64.4
700.00
0.366
–147.8
3.741
86.2
0.146
48.6
0.289
–69.8
800.00
0.331
–138.3
3.313
81.3
0.156
47.4
0.235
–73.5
900.00
0.332
–166.3
2.927
77.3
0.168
50.2
0.202
–75.2
1000.00
0.335
–174.3
2.677
74.1
0.179
51.1
0.181
–76.6
1100.00
0.337
177.3
2.431
70.7
0.188
50.8
0.175
–81.8
1200.00
0.333
172.0
2.282
67.4
0.197
50.3
0.158
–90.1
1300.00
0.365
166.3
2.124
63.6
0.208
49.5
0.134
–95.4
1400.00
0.375
164.2
2.027
59.9
0.222
48.9
0.120
–101.8
1500.00
0.378
158.6
1.944
55.4
0.240
48.1
0.114
–106.3
1600.00
0.373
155.0
1.850
52.7
0.258
48.4
0.112
–116.2
1700.00
0.387
150.8
1.764
50.6
0.269
49.5
0.107
–128.3
1800.00
0.401
146.1
1.679
50.0
0.279
50.2
0.109
–137.3
1900.00
0.418
143.8
1.603
48.2
0.286
50.1
0.114
–144.5
2000.00
0.429
140.6
1.526
46.7
0.294
49.5
0.125
–150.2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn