Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA809T Datasheet(PDF) 4 Page - NEC

Part No. UPA809T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA809T Datasheet(HTML) 4 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
µPA809T
4
Collector Current lC (mA)
1
2
NOISE FIGURE vs.
COLLECTOR CURRENT
12
3
5
10
3
7
f = 2 GHz
f = 1 GHz
Collector to Base Voltage VCB (V)
1
0.5
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
15
20
f = 1 MHz
10
1.0
0.1
Frequency f (GHz)
10
20
MAXIMUM AVAILABLE GAIN / INSERTION
POWER GAIN vs. FREQUENCY
0.1
0.5
1
5
VCE = 1 V
IC = 5 mA
30
Frequency f (GHz)
NOISE FIGURE vs.FREQUENCY
0.1
0.5
2
VCE = 1 V
IC = 5 mA
1.0
1.5
0.5
MAG
IS21el 2
0
VCE = 1 V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn