Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA809T Datasheet(PDF) 3 Page - NEC

Part No. UPA809T
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPA809T Datasheet(HTML) 3 Page - NEC

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
µPA809T
3
TYPICAL CHARACTERISTICS (TA = 25
°C)
050
Ambient Temperature TA (°C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Free Air
100
150
100
200
01
2
3
4
5
6
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
10
20
30
200 A
µ
180 A
µ
160 A
µ
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
IB = 20 A
µ
0
0.5
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 1 V
1
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
100
50
0.1
1
0.2
2
20
50
5
0.5
Collector Current IC (mA)
10
100
100
0
200
VCE = 1 V
DC CURENT GAIN vs.
COLLECTOR CURRENT
0
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
f = 2 GHz
VCE = 1 V
35
7
12
10
13
5
7
210
5
10
0
5
10
Collector Current IC (mA)
INSERTION GAIN vs.
COLLECTOR CURRENT
f = 2 GHz
VCE = 1 V
2 Elements
in
Total
Per
Element


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn